Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1017 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1017
Description  4 Pin SOP OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1017 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1017 Datasheet HTML 1Page - Clare, Inc. CPC1017 Datasheet HTML 2Page - Clare, Inc. CPC1017 Datasheet HTML 3Page - Clare, Inc. CPC1017 Datasheet HTML 4Page - Clare, Inc. CPC1017 Datasheet HTML 5Page - Clare, Inc. CPC1017 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CPC1017N
Units
Load Voltage
60
V
Load Current
100
mA
Max R
ON
16
Ω
Current to operate
1.0
mA
Part #
Description
CPC1017N
4 Pin SOP (100/tube)
CPC1017NTR
4 Pin SOP (2,000/reel)
www.clare.com
DS-CPC1017N-R0A.1
CPC1017N
4 Pin SOP OptoMOS® Relays
1
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
• Design for use in security systems complying with
EN50130-4
• Only 1mA of LED curent required to operate
• Small 4 Pin SOP Package
• TTL/CMOS Compatible input
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500V
RMS Input/Output Isolation/2100V AC peak
• No EMI/RFI Generation
• Immune to radiated EM fields
• SMD Pick & Place, Wave Solderable
• Tape & Reel Version Available
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
The CPC1017N is a miniature 1-Form-A solid state
relay in a 4 pin SOP package that employs optically
coupled MOSFET technology to provide 1500V of
input to output isolation. The super efficient MOSFET
switches and photovoltaic die use Clare’s patented
OptoMOS architecture. The optically coupled input is
controlled by a highly efficient GaAIAs infrared LED.
The CPC1017N uses Clare’s state-of-the-art double
molded vertical construction packaging to produce
the world’s smallest relay. The CPC1017N offers
board space savings of at least 20% over the com-
petitor’s larger 4 pin SOP relay. It boasts the indus-
tries’ lowest input current to operate in its class.
• UL Recognized Component
• BSI Certified to EN60950
1
2
3
4
+ Control
– Control
Load
Load
CPC1017N Pinout


Similar Part No. - CPC1017

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1017N CLARE-CPC1017N Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relays
logo
IXYS Corporation
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1017NTR CLARE-CPC1017NTR Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relays
logo
IXYS Corporation
CPC1017NTR IXYS-CPC1017NTR Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1017N CLARE-CPC1017N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relays
More results

Similar Description - CPC1017

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1150N CLARE-CPC1150N Datasheet
120Kb / 6P
4 Pin SOP OptoMOS Relays
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1135N CLARE-CPC1135N Datasheet
421Kb / 5P
4-Pin SOP OptoMOS Relays
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com