Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT20P04L-TN3-R Datasheet (PDF) - Unisonic Technologies

UTT20P04L-TN3-R Datasheet PDF - Unisonic Technologies
Part # UTT20P04L-TN3-R
Download  UTT20P04L-TN3-R Download
File Size   128.35 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -40V, -20A P-CHANNEL POWER MOSFET

UTT20P04L-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT20P04L-TN3-R Datasheet PDF - Unisonic Technologies

Part # UTT20P04L-TN3-R
Download  UTT20P04L-TN3-R Click to download

File Size   128.35 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -40V, -20A P-CHANNEL POWER MOSFET

UTT20P04L-TN3-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT20P04L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT200N02 UTC-UTT200N02 Datasheet
197Kb / 6P
200 A, 20 V N-CHANNEL POWER MOSFET
UTT200N03 UTC-UTT200N03 Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
UTT200N03G-TA3-T UTC-UTT200N03G-TA3-T Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
UTT200N03G-TA3-T UTC-UTT200N03G-TA3-T Datasheet
249Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UTT200N03G-TQ2-R UTC-UTT200N03G-TQ2-R Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
More results


Similar Description - UTT20P04L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT40P04 UTC-UTT40P04 Datasheet
133Kb / 3P
40V, 50A P-CHANNEL POWER MOSFET
UTT50P04 UTC-UTT50P04 Datasheet
145Kb / 3P
-40V, -60A P-CHANNEL POWER MOSFET
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
65A, 40V P-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
40V P-Channel MOSFET
logo
Fairchild Semiconductor
FDD8424H_F085A FAIRCHILD-FDD8424H_F085A_13 Datasheet
793Kb / 11P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
logo
Renesas Technology Corp
NP20P04SLG RENESAS-NP20P04SLG Datasheet
1Mb / 8P
-40V – -20A – P-channel Power MOS FET Application : Automotive
Jun. 10, 2022
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com