Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT20P04L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT20P04L-TN3-R
Description  -40V, -20A P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT20P04L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT20P04L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT20P04L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT20P04L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT20P04
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-774.a
-40V, -20A P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT20P04 is a P-channel Power MOSFET using
UTC’s advanced technology to provide the customers with high
switching speed and a minimum on-state resistance.
FEATURES
*RDS(ON) <42mΩ @ VGS=-10V, ID=-20A
* High Switching Speed
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT20P04L-TN3-R
UTT20P04G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Sourcs


Similar Part No. - UTT20P04L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT200N02 UTC-UTT200N02 Datasheet
197Kb / 6P
200 A, 20 V N-CHANNEL POWER MOSFET
UTT200N03 UTC-UTT200N03 Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
UTT200N03G-TA3-T UTC-UTT200N03G-TA3-T Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
UTT200N03G-TA3-T UTC-UTT200N03G-TA3-T Datasheet
249Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UTT200N03G-TQ2-R UTC-UTT200N03G-TQ2-R Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
More results

Similar Description - UTT20P04L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT40P04 UTC-UTT40P04 Datasheet
133Kb / 3P
40V, 50A P-CHANNEL POWER MOSFET
UTT50P04 UTC-UTT50P04 Datasheet
145Kb / 3P
-40V, -60A P-CHANNEL POWER MOSFET
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
65A, 40V P-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
40V P-Channel MOSFET
logo
Fairchild Semiconductor
FDD8424H_F085A FAIRCHILD-FDD8424H_F085A_13 Datasheet
793Kb / 11P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
logo
Renesas Technology Corp
NP20P04SLG RENESAS-NP20P04SLG Datasheet
1Mb / 8P
-40V – -20A – P-channel Power MOS FET Application : Automotive
Jun. 10, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com