Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA220 Datasheet (PDF) - Clare, Inc.

LCA220 Datasheet PDF - Clare, Inc.
Part # LCA220
Download  LCA220 Download
File Size   197.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Commom Input OptoMOS Relays

LCA220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCA220 Datasheet PDF - Clare, Inc.

Part # LCA220
Download  LCA220 Click to download

File Size   197.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Commom Input OptoMOS Relays

LCA220 Datasheet (HTML) - Clare, Inc.


LCA220 Product details

Description
LCA220 is a common input 1- Form 2A solid state relay which has two independent optically couple MOSFETs controlled by a common input signal. The efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS architecture to provide 3750 VRMS of input to output isolation. The optically coupled input is controlled by highly efficient GaAIAs infrared LEDs. Common input OptoMOS relays can replace standard dual pole relays in a variety of applications. The common input relay eliminates the need to make an external circuit connection when both poles are controlled by a common signal.

Features
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750VRMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available

Applications
• Telecommunications
   • Telecom Switching
   • Tip/Ring Circuits
   • Modem Switching (Laptop, Notebook, Pocket Size)
   • Hookswitch
   • Dial Pulsing
   • Ground Start
   • Ringer Injection
• Instrumentation
   • Multiplexers
   • Data Acquisition
   • Electronic Switching
   • I/O Subsystems
   • Meters (Watt-Hour, Water, Gas)
   • Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls




Similar Part No. - LCA220

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
Common Input, Dual Single-Pole OptoMOS Relay
LCA220S IXYS-LCA220S Datasheet
123Kb / 7P
Common Input, Dual Single-Pole OptoMOS Relay
LCA220STR IXYS-LCA220STR Datasheet
123Kb / 7P
Common Input, Dual Single-Pole OptoMOS Relay
More results


Similar Description - LCA220

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com