Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXED101 Datasheet (PDF) - Clare, Inc.

MXED101 Datasheet PDF - Clare, Inc.
Part # MXED101
Download  MXED101 Download
File Size   422.0 Kbytes
Page   14 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 30V, 192-Channel OLED Display Driver

MXED101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXED101 Datasheet PDF - Clare, Inc.

Part # MXED101
Download  MXED101 Click to download

File Size   422.0 Kbytes
Page   14 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 30V, 192-Channel OLED Display Driver

MXED101 Datasheet (HTML) - Clare, Inc.


MXED101 Product details

General Description
The MXED101 is a 6-bit, 192-output column driver IC designed to drive passive matrix full-color (RGB) and monochrome Organic Light Emitting Diode (OLED) displays. Each of the 192 current outputs is designed to act as a precision high impedance current source. The MXED101 current source output supply range is from 15 to 30V. The outputs are arranged in a row on one side of the die with a pitch of 92 microns, which facilitates easy interface with the display.

• CMOS technology
• 192 Precision outputs
• Programmable output current control
• Optimized adjacent channel and chip-to-chip output matching
• 3.3V or 5V logic supply voltage
• 55 MHz clock frequency
• Cascadable
• 30V output driver supply voltage
• Bi-directional data transfer
• Supports Grayscale, Binary, and Standby modes
• Low power consumption
• Package type: TCP (MXED101TP) and Die (MXED101DI) Features:




Similar Part No. - MXED101

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MXED102 CLARE-MXED102 Datasheet
3Mb / 20P
240-Channel OLED Column Driver
More results


Similar Description - MXED101

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MXED102 CLARE-MXED102 Datasheet
3Mb / 20P
240-Channel OLED Column Driver
MXED202 CLARE-MXED202 Datasheet
560Kb / 16P
128-Channel OLED Row Driver
logo
STMicroelectronics
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
192 output plasma display panel data driver
29-May-2007
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
logo
Crystalfontz America, I...
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com