Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXED102 Datasheet (PDF) - Clare, Inc.

MXED102 Datasheet PDF - Clare, Inc.
Part # MXED102
Download  MXED102 Download
File Size   3768.67 Kbytes
Page   20 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 240-Channel OLED Column Driver

MXED102 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXED102 Datasheet PDF - Clare, Inc.

Part # MXED102
Download  MXED102 Click to download

File Size   3768.67 Kbytes
Page   20 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 240-Channel OLED Column Driver

MXED102 Datasheet (HTML) - Clare, Inc.


MXED102 Product details

Description
The MXED102 is Clare’s second-generation OLED column driver offering, which supports up to 240-monochromatic or 80-color OLED pixels. The MXED102s exceptionally tight current-matching of adjacent and cascaded outputs, precharge options, and OLED monitoring capability, ensures uniform luminance and highquality greyscaling in both monochromatic and RGB mode. This is the first ASSP production driver for OLED module OEMs building a new standard in flat-panel displays.

Features
• CMOS High Voltage Process: 9V-30V Display Panel Supply Compatible
• 240 Output Channels, Cascadable
• Token-Based Bidirectional Data Transfer: Direct User Control of Scan Rate
• Current Source Magnitude User Control: 4 µA to 1 mA
• 6-Bit Monochromatic/Color Gray-Scale User Control
• Current matching accuracy: ± 2% ± 1.5 µA intra-die ± 1% inter-die
• Monochromatic/Color Voltage Precharge Options
• Built-In A-to-D Converter Monitoring of Display Panel Characteristics
• 3.3 V to 5 V logic supply
• Up to 35 MHz clock frequency
• Gold-Bumped Die @ 60 micron Output Pitch
• TCP packaging
• Companion to Clare Micronix MXED202 128-Channel OLED Row Driver




Similar Part No. - MXED102

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MXED101 CLARE-MXED101 Datasheet
422Kb / 14P
30V, 192-Channel OLED Display Driver
More results


Similar Description - MXED102

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16663 NEC-UPD16663 Datasheet
289Kb / 40P
240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
logo
Clare, Inc.
MXED101 CLARE-MXED101 Datasheet
422Kb / 14P
30V, 192-Channel OLED Display Driver
MXED202 CLARE-MXED202 Datasheet
560Kb / 16P
128-Channel OLED Row Driver
logo
NEC
UPD6308 NEC-UPD6308 Datasheet
87Kb / 3P
UPD6308 LCD COLUMN DRIVER
logo
Texas Instruments
MPT57216 TI-MPT57216 Datasheet
172Kb / 12P
192-CHANNEL COLOR TFT COLUMN (SOURCE)DRIVER
logo
Supertex, Inc
HV62106 SUTEX-HV62106 Datasheet
36Kb / 5P
64-Channel Gray-Shade Display Column Driver
logo
List of Unclassifed Man...
SPOD80A ETC2-SPOD80A Datasheet
1Mb / 17P
80-Channels Dot Matrix Column/Row OLED Driver
logo
P-tec Corporation
PG24064B-O P-TEC-PG24064B-O Datasheet
435Kb / 13P
240 Column X 64 Row
logo
List of Unclassifed Man...
SSD1330 ETC-SSD1330 Datasheet
3Mb / 4P
OLED Driver Controller
April 2013
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com