Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXED202 Datasheet (PDF) - Clare, Inc.

MXED202 Datasheet PDF - Clare, Inc.
Part # MXED202
Download  MXED202 Download
File Size   560.23 Kbytes
Page   16 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 128-Channel OLED Row Driver

MXED202 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXED202 Datasheet PDF - Clare, Inc.

Part # MXED202
Download  MXED202 Click to download

File Size   560.23 Kbytes
Page   16 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 128-Channel OLED Row Driver

MXED202 Datasheet (HTML) - Clare, Inc.


MXED202 Product details

Description
The MXED202 Row Driver supports up to 128-row OLED panel displays. The MXED202 has low "on" switch resistance, and support of voltage precharge options, ensures uniform luminance at rapid row scan rates. This is the first ASSP production row driver for OLED display OEMs, enabling the development and manufacture of this new standard in flat-panel display technology.

Features
• CMOS High Voltage Process: 9V-30V Display Panel Supply Compatible
• 128 Output Channels, Cascadable; Configurable 120-Output Mode
• 150mA Maximum Current Capability per channel (two channels maximum active simultaneously)
• 20 Ohm Maximum Row Switch “On” Resistance
• Token-Based Control: Bidirectional data transfer; Single and Dual-Token Mode
• Current Source Magnitude User Control: 4 µA to 1 mA
• 6-Bit Monochromatic/Color Gray-Scale User Control
• Monochromatic Voltage Precharge Options
• 3.3 V to 5 V logic supply
• Up to 100kHz clock frequency
• Gold-Bumped Die @ ~ 60 micron Output Pitch
• TCP packaging
• Companion to MXED102 240-Channel OLED Column Driver




Similar Part No. - MXED202

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MXED101 CLARE-MXED101 Datasheet
422Kb / 14P
30V, 192-Channel OLED Display Driver
MXED102 CLARE-MXED102 Datasheet
3Mb / 20P
240-Channel OLED Column Driver
MXED401 CLARE-MXED401 Datasheet
2Mb / 20P
200-Column Cholesteric LCD Driver
More results


Similar Description - MXED202

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MXED102 CLARE-MXED102 Datasheet
3Mb / 20P
240-Channel OLED Column Driver
logo
List of Unclassifed Man...
SEPS225 ETC2-SEPS225 Datasheet
1Mb / 44P
128 x 128 Dots, 262K Colors PM-OLED Display Driver and Controller
logo
STMicroelectronics
STV8102 STMICROELECTRONICS-STV8102 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
logo
HYES Optoelectronics, I...
HL1505 HYES-HL1505 Datasheet
1Mb / 24P
OLED (128 횞 RGB 횞 128)
HO12832B02 HYES-HO12832B02 Datasheet
2Mb / 25P
OLED (128 횞 32)
HO12864Y03 HYES-HO12864Y03 Datasheet
1Mb / 24P
OLED (128 횞 64)
HO12864Y04 HYES-HO12864Y04 Datasheet
1Mb / 24P
OLED (128 횞 64)
logo
Bolymin, Inc
BL128128C3 BOLYMIN-BL128128C3_17 Datasheet
472Kb / 1P
OLED display 128 x 128 dots
logo
Vishay Siliconix
OLED-128O032E-LPP3N00000 VISHAY-OLED-128O032E-LPP3N00000 Datasheet
476Kb / 25P
128 x 32 Graphic OLED
13-Dec-16
OLED-128O064D-BPP3N00000 VISHAY-OLED-128O064D-BPP3N00000 Datasheet
353Kb / 25P
128 x 64 Graphic OLED
14-Dec-16
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com