Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7805AB Datasheet (PDF) - STMicroelectronics

L7805AB Datasheet PDF - STMicroelectronics
Part # L7805AB
Download  L7805AB Download
File Size   1647.41 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulator ICs

L7805AB Datasheet (PDF)

Go To PDF Page Download Datasheet
L7805AB Datasheet PDF - STMicroelectronics

Part # L7805AB
Download  L7805AB Click to download

File Size   1647.41 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulator ICs

L7805AB Datasheet (HTML) - STMicroelectronics


L7805AB Product details

Description
The L78 series of three-terminal positive
regulators is available in TO-220, TO-220FP,
D²PAK and DPAK packages and several fixed
output voltages, making it useful in a wide range
of applications.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated with single point regulation. Each type
embeds internal current limiting, thermal shutdown and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 1 A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltage and currents.

Features
• Output current up to 1.5 A
• Output voltages of 5; 6; 8; 8.5; 9; 12; 15; 18;
24 V
• Thermal overload protection
• Short circuit protection
• Output transition SOA protection
• 2 % output voltage tolerance (A version)
• Guaranteed in extended temperature range
(A version)




Similar Part No. - L7805AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805AB STMICROELECTRONICS-L7805AB Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7805AB STMICROELECTRONICS-L7805AB Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L7805AB STMICROELECTRONICS-L7805AB Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7805AB STMICROELECTRONICS-L7805AB Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7805AB STMICROELECTRONICS-L7805AB Datasheet
1Mb / 56P
Positive voltage regulators
08-Sep-2010
More results


Similar Description - L7805AB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7808ABV-DG STMICROELECTRONICS-L7808ABV-DG Datasheet
1Mb / 58P
Positive voltage regulator ICs
L7808CV-DG STMICROELECTRONICS-L7808CV-DG Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com