Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7805AB Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7805AB
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805AB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7805AB Datasheet HTML 6Page - STMicroelectronics L7805AB Datasheet HTML 7Page - STMicroelectronics L7805AB Datasheet HTML 8Page - STMicroelectronics L7805AB Datasheet HTML 9Page - STMicroelectronics L7805AB Datasheet HTML 10Page - STMicroelectronics L7805AB Datasheet HTML 11Page - STMicroelectronics L7805AB Datasheet HTML 12Page - STMicroelectronics L7805AB Datasheet HTML 13Page - STMicroelectronics L7805AB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Electrical characteristics
Positive voltage regulator ICs
10/58
DocID2143 Rev 32
VI = 11 V, IO = 1 A, TJ = 0 to 125 °C (L7806AC), TJ = -40 to 125 °C (L7806AB), unless
otherwise specified(b).
b.
Minimum load current for regulation is 5 mA.
Table 4. Electrical characteristics of L7806A
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
5.88
6
6.12
V
VO
Output voltage
IO = 5 mA to 1 A, VI = 8.6 to 19 V
5.76
6
6.24
V
VO
Output voltage
IO = 1 A, VI = 19 to 21 V, TJ = 25°C
5.76
6
6.24
V
ΔVO (1) Line regulation
VI = 8.6 to 25 V, IO = 500 mA, TJ = 25°C
9
60
mV
VI = 9 to 13 V
11
60
mV
VI = 9 to 13 V, TJ = 25°C
3
30
mV
VI = 8.3 to 21 V, TJ = 25°C
9
60
mV
ΔVO (1) Load regulation
IO = 5 mA to 1 A
25
100
mV
IO = 5 mA to 1.5 A, TJ = 25°C
30
100
IO = 250 to 750 mA
10
50
Iq
Quiescent current
TJ = 25°C
4.3
6
mA
6mA
ΔIq
Quiescent current change
VI = 9 to 24 V, IO = 500 mA
0.8
mA
VI = 8.6 to 21 V, TJ = 25°C
0.8
mA
IO = 5 mA to 1 A
0.5
mA
SVR
Supply voltage rejection
VI = 9 to 19 V, f = 120 Hz, IO = 500 mA
65
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
V
eN
Output noise voltage
TA = 25°C, B =10 Hz to 100 kHz
10
µV/VO
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 35 V, TA = 25°C
0.2
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
ΔVO/ΔT Output voltage drift
-0.8
mV/°C
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com