Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7805AB Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7805AB
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805AB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7805AB Datasheet HTML 3Page - STMicroelectronics L7805AB Datasheet HTML 4Page - STMicroelectronics L7805AB Datasheet HTML 5Page - STMicroelectronics L7805AB Datasheet HTML 6Page - STMicroelectronics L7805AB Datasheet HTML 7Page - STMicroelectronics L7805AB Datasheet HTML 8Page - STMicroelectronics L7805AB Datasheet HTML 9Page - STMicroelectronics L7805AB Datasheet HTML 10Page - STMicroelectronics L7805AB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
DocID2143 Rev 32
7/58
Positive voltage regulator ICs
Maximum ratings
58
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO= 5 to 18 V
35
V
for VO= 20, 24 V
40
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78xxC, L78xxAC
0 to 125
°C
for L78xxAB
-40 to 125
Table 2. Thermal data
Symbol
Parameter
D²PAK
DPAK
TO-220
TO-220FP
Unit
RthJC
Thermal resistance junction-case
3
8
5
5
°C/W
RthJA
Thermal resistance junction-ambient
62.5
100
50
60
°C/W
Figure 4. Application circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com