Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1775 Datasheet (PDF) - Dallas Semiconductor

DS1775 Datasheet PDF - Dallas Semiconductor
Part # DS1775
Download  DS1775 Download
File Size   230.61 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SOT23-5 Digital Thermometer and Thermostat

DS1775 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1775 Datasheet PDF - Dallas Semiconductor

Part # DS1775
Download  DS1775 Click to download

File Size   230.61 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SOT23-5 Digital Thermometer and Thermostat

DS1775 Datasheet (HTML) - Dallas Semiconductor


DS1775 Product details

DESCRIPTION
The DS1775 SOT23-5 Digital Thermometer and Thermostat provides temperature readings which indicate the temperature of the device. Thermostat settings and temperature readings are all communicated to/from the DS1775 over a simple 2–wire serial interface. No additional  omponents are required; the device is truly a “ temperature–to–digital” converter.

FEATURES
■ Temperature measurements require no external components
■ Measures temperatures from –55°C to +125°C. Fahrenheit equivalent is –67°F to 257°F
■ Thermometer accuracy is ±2.0°C
■ Thermometer resolution is configurable from 9 to 12 bits (0.5°C to 0.0625°C resolution)
■ Thermostat settings are user definable
■ Data is read from/written to via a 2–wire serial interface
■ Wide power supply range (2.7V – 5.5V)
■ Software compatible with DS75 2–Wire Thermal Watchdog in thermometer mode
■ Space–conscious SOT23–5 package with low thermal time constant




Similar Part No. - DS1775

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1775 DALLAS-DS1775 Datasheet
246Kb / 14P
SOT23-5 Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1775 MAXIM-DS1775 Datasheet
400Kb / 14P
User-Definable Thermostat Settings
Rev 5/13
DS1775R+T&R MAXIM-DS1775R+T&R Datasheet
472Kb / 14P
Digital Thermometer and Thermostat in SOT23
2016
DS1775R+U MAXIM-DS1775R+U Datasheet
472Kb / 14P
Digital Thermometer and Thermostat in SOT23
2016
DS1775R1+T&R MAXIM-DS1775R1+T&R Datasheet
472Kb / 14P
Digital Thermometer and Thermostat in SOT23
2016
More results


Similar Description - DS1775

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
logo
Dallas Semiconductor
DS1775 DALLAS-DS1775_02 Datasheet
246Kb / 14P
SOT23-5 Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS1775 MAXIM-DS1775_13 Datasheet
286Kb / 14P
Digital Thermometer and Thermostat in SOT23
Rev 5/13
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1775 MAXIM-DS1775_V01 Datasheet
472Kb / 14P
Digital Thermometer and Thermostat in SOT23
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com