Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18B20 Datasheet (PDF) - Dallas Semiconductor

18B20 Datasheet PDF - Dallas Semiconductor
Part # 18B20
Download  18B20 Download
File Size   391.49 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Programmable Resolution 1-Wire Digital Thermometer

18B20 Datasheet (PDF)

Go To PDF Page Download Datasheet
18B20 Datasheet PDF - Dallas Semiconductor

Part # 18B20
Download  18B20 Click to download

File Size   391.49 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Programmable Resolution 1-Wire Digital Thermometer

18B20 Datasheet (HTML) - Dallas Semiconductor


18B20 Product details

DESCRIPTION

The DS18B20 Digital Thermometer provides 9 to 12-bit (configurable) temperature readings which

indicate the temperature of the device.

Information is sent to/from the DS18B20 over a 1-Wire interface, so that only one wire (and ground) needs to be connected from a central microprocessor to a DS18B20. Power for reading, writing, and performing temperature conversions can be derived from the data line itself with no need for an external power source.



FEATURES

Unique 1-Wire interface requires only one port pin for communication

Multidrop capability simplifies distributed temperature sensing applications

Requires no external components

Can be powered from data line. Power supply range is 3.0V to 5.5V

Zero standby power required

Measures temperatures from -55°C to +125°C. Fahrenheit equivalent is -67°F to +257°F

±0.5°C accuracy from -10°C to +85°C

Thermometer resolution is programmable from 9 to 12 bits

Converts 12-bit temperature to digital word in 750 ms (max.)

User-definable, nonvolatile temperature alarm settings

Alarm search command identifies and addresses devices whose temperature is outside of programmed limits (temperature alarm condition)

Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system



 




Similar Part No. - 18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
18B20 DALLAS-18B20 Datasheet
223Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer
18B20 DALLAS-18B20 Datasheet
183Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
18B20 MAXIM-18B20 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
More results


Similar Description - 18B20

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
2008
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com