Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2152 Datasheet (PDF) - Dallas Semiconductor

DS2152 Datasheet PDF - Dallas Semiconductor
Part # DS2152
Download  DS2152 Download
File Size   1003.41 Kbytes
Page   94 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Enhanced T1 Single-Chip Transceiver

DS2152 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2152 Datasheet PDF - Dallas Semiconductor

Part # DS2152
Download  DS2152 Click to download

File Size   1003.41 Kbytes
Page   94 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Enhanced T1 Single-Chip Transceiver

DS2152 Datasheet (HTML) - Dallas Semiconductor


DS2152 Product details

DESCRIPTION
The DS2152 T1 Enhanced Single-Chip Transceiver contains all of the necessary functions for connection to T1 lines, whether they be DS-1 long haul or DSX-1 short haul. The clock recovery circuitry automatically adjusts to T1 lines from 0 feet to over 6000 feet in length. The device can generate both DSX-1 line build outs as well as CSU line build outs of -7.5 dB, -15 dB, and -22.5 dB. The onboard jitter attenuator (selectable to either 32 bits or 128 bits) can be placed in either the transmit or receive data paths. The framer locates the frame and multiframe boundaries and monitors the data stream for alarms.

FEATURES
■ Complete DS1/ISDN-PRI transceiver functionality
■ Line interface can handle both long and short haul trunks
■ 32-bit or 128-bit crystal-less jitter attenuator
■ Generates DSX-1 and CSU line build outs
■ Frames to D4, ESF, and SLC-96R formats
■ Dual onboard two-frame elastic store slip buffers that can connect to asynchronous backplanes up to 8.192 MHz
■ 8-bit parallel control port that can be used directly on either multiplexed or non-multiplexed buses (Intel or Motorola)
■ Extracts and inserts robbed-bit signaling
■ Detects and generates yellow (RAI) and blue (AIS) alarms
■ Programmable output clocks for Fractional T1
■ Fully independent transmit and receive functionality
■ Integral HDLC controller with 16-byte buffers for the FDL
■ Generates and detects in-band loop codes from 1 to 8 bits in length including CSU loop codes
■ Contains ANSI 1s density monitor and enforcer
■ Large path and line error counters including BPV, CV, CRC6, and framing bit errors
■ Pin compatible with DS2154 E1 Enhanced Single-Chip Transceiver
■ 5V supply; low power CMOS
■ 100-pin 14mm2 body LQFP package




Similar Part No. - DS2152

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152L MAXIM-DS2152L Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152L+ MAXIM-DS2152L+ Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152LN MAXIM-DS2152LN Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152LN+ MAXIM-DS2152LN+ Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
More results


Similar Description - DS2152

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Dallas Semiconductor
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com