Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21FT40 Datasheet (PDF) - Dallas Semiconductor

DS21FT40 Datasheet PDF - Dallas Semiconductor
Part # DS21FT40
Download  DS21FT40 Download
File Size   386.04 Kbytes
Page   87 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Four x Three 12 Channel E1 Framer

DS21FT40 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21FT40 Datasheet PDF - Dallas Semiconductor

Part # DS21FT40
Download  DS21FT40 Click to download

File Size   386.04 Kbytes
Page   87 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Four x Three 12 Channel E1 Framer

DS21FT40 Datasheet (HTML) - Dallas Semiconductor


DS21FT40 Product details

DESCRIPTION
The DS21FT40 MCM offers a high density packaging arrangement for the DS21Q44 E1 Enhanced Quad Framer. Three DS21Q44 silicon die are packaged in a Multi-Chip Module (MCM) with the electrical connections as shown in Figure 1-1. The DS21FT40 is closely related to the DS21FT44. Most of the functions of the DS21FT44 are available on the DS21FT40. The differences are listed in Table 1-1. Table 2-1 lists all of the signals on the MCM.

MULTI-CHIP MODULE FEATURES
• Twelve (12) completely independent E1 Framers in one small 27 mm x 27 mm Package
• Each Multi-Chip Module (MCM) Contains Three DS21Q44 Quad E1 Framer Die
• Each Quad Framer can be concatenated into a Single 8.192 MHz Backplane Data Stream
• 300–pin MCM 1.27 mm pitch BGA package (27 mm X 27 mm)
• Low Power 3.3V CMOS with 5V Tolerant Input & Outputs

FRAMER FEATURES
• All framers are fully independent; transmit and receive sections of each framer are fully independent
• Frames to FAS, CAS, CCS, and CRC4 formats
• Each framer contains dual two–frame elastic store slip buffers that can connect to asynchronous backplanes up to 8.192 MHz
• 8–bit parallel control port that can be used directly on either multiplexed or non– multiplexed buses (Intel or Motorola)
• Easy access to Si and Sa bits
• Extracts and inserts CAS signaling
• Large counters for bipolar and code violations, CRC4 code word errors, FAS word errors, and E-bits
• Programmable output clocks for Fractional E1, per channel loopback, H0 and H12 applications
• Integral HDLC controller with 64-byte buffers. Configurable for Sa bits or DS0 operation
• Detects and generates AIS, remote alarm, and remote multiframe alarms
• IEEE 1149.1 support




Similar Part No. - DS21FT40

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21FT42 DALLAS-DS21FT42 Datasheet
466Kb / 145P
4 X 3 Twelve Channel T1 Framer
logo
Maxim Integrated Produc...
DS21FT42 MAXIM-DS21FT42 Datasheet
697Kb / 114P
4 x 3 12-Channel T1 Framer 4 x 4 16-Channel T1 Framer
080702
logo
Dallas Semiconductor
DS21FT44 DALLAS-DS21FT44 Datasheet
678Kb / 110P
4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
logo
Maxim Integrated Produc...
DS21FT44 MAXIM-DS21FT44 Datasheet
696Kb / 117P
x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
More results


Similar Description - DS21FT40

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4354 PMC-PM4354 Datasheet
64Kb / 4P
Four Channel Combined E1/T1/J1 Transceiver/Framer
PM4354 PMC-PM4354 Datasheet
3Mb / 463P
FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
E1 FRAMER/TRANSCEIVER
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
QUADRUPLE E1 FRAMER
logo
Dallas Semiconductor
DS21FT44 DALLAS-DS21FT44 Datasheet
678Kb / 110P
4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
logo
PMC-Sierra, Inc
PM4354-1 PMC-PM4354-1 Datasheet
52Kb / 2P
Four Channel Combined E1/T1/J1 Transceiver/Framer
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
E1 FRAMER/TRANSCEIVER
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
Quad E1 Framer
092299
DS21FF44 MAXIM-DS21FF44 Datasheet
696Kb / 117P
x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
DS21FF42 MAXIM-DS21FF42 Datasheet
697Kb / 114P
4 x 3 12-Channel T1 Framer 4 x 4 16-Channel T1 Framer
080702
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com