Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21FT40 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS21FT40
Description  Four x Three 12 Channel E1 Framer
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT40 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS21FT40 Datasheet HTML 1Page - Dallas Semiconductor DS21FT40 Datasheet HTML 2Page - Dallas Semiconductor DS21FT40 Datasheet HTML 3Page - Dallas Semiconductor DS21FT40 Datasheet HTML 4Page - Dallas Semiconductor DS21FT40 Datasheet HTML 5Page - Dallas Semiconductor DS21FT40 Datasheet HTML 6Page - Dallas Semiconductor DS21FT40 Datasheet HTML 7Page - Dallas Semiconductor DS21FT40 Datasheet HTML 8Page - Dallas Semiconductor DS21FT40 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
DS21FT40
2 of 87
dual two-frame elastic stores contained in each of the four framers can be independently enabled and
disabled as required. The device fully meets all of the latest E1 specifications including CCITT/ITU
G.704, G.706, G.962, and I.431 as well as ETS 300 011 and ETS 300 233.
Functional Description
The receive side in each framer locates FAS frame and CRC and CAS multiframe boundaries as well as
detects incoming alarms including, carrier loss, loss of synchronization, AIS and Remote Alarm. If
needed, the receive side elastic store can be enabled in order to absorb the phase and frequency
differences between the recovered E1 data stream and an asynchronous backplane clock which is
provided at the RSYSCLK input. The clock applied at the RSYSCLK input can be either a 2.048 MHz
clock or a 1.544 MHz clock. The RSYSCLK can be a burst clock with speeds up to 8.192 MHz.
The transmit side in each
framer is totally independent from the receive side in both the clock
requirements and characteristics. Data off of a backplane can be passed through a transmit side elastic
store if necessary. The transmit formatter will provide the necessary frame/multiframe data overhead for
E1 transmission.
Reader’s Note: This data sheet assumes a particular nomenclature of the E1 operating environment. In
each 125 us frame, there are 32 8–bit timeslots numbered 0 to 31. Timeslot 0 is transmitted first and
received first. These 32 timeslots are also referred to as channels with a numbering scheme of 1 to 32.
Timeslot 0 is identical to channel 1, timeslot 1 is identical to Channel 2, and so on. Each timeslot (or
channel) is made up of 8 bits which are numbered 1 to 8. Bit number 1 is the MSB and is transmitted
first.
Bit number 8 is the LSB and is transmitted last.
Throughout this data sheet, the following
abbreviations will be used:
FAS
Frame Alignment Signal
CAS
Channel Associated Signaling
MF
Multiframe
Si
International bits
CRC4
Cyclical Redundancy Check
CCS
Common Channel Signaling
Sa
Additional bits
E-bit
CRC4 Error Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com