Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21FT40 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS21FT40
Description  Four x Three 12 Channel E1 Framer
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT40 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS21FT40 Datasheet HTML 17Page - Dallas Semiconductor DS21FT40 Datasheet HTML 18Page - Dallas Semiconductor DS21FT40 Datasheet HTML 19Page - Dallas Semiconductor DS21FT40 Datasheet HTML 20Page - Dallas Semiconductor DS21FT40 Datasheet HTML 21Page - Dallas Semiconductor DS21FT40 Datasheet HTML 22Page - Dallas Semiconductor DS21FT40 Datasheet HTML 23Page - Dallas Semiconductor DS21FT40 Datasheet HTML 24Page - Dallas Semiconductor DS21FT40 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
DS21FT40
21 of 87
ADDRESS
R/W
REGISTER NAME
REGISTER
ABBREVIATION
31
R
Receive Signaling 2
RS2
32
R
Receive Signaling 3
RS3
33
R
Receive Signaling 4
RS4
34
R
Receive Signaling 5
RS5
35
R
Receive Signaling 6
RS6
36
R
Receive Signaling 7
RS7
37
R
Receive Signaling 8
RS8
38
R
Receive Signaling 9
RS9
39
R
Receive Signaling 10
RS10
3A
R
Receive Signaling 11
RS11
3B
R
Receive Signaling 12
RS12
3C
R
Receive Signaling 13
RS13
3D
R
Receive Signaling 14
RS14
3E
R
Receive Signaling 15
RS15
3F
R
Receive Signaling 16
RS16
40
R/W
Transmit Signaling 1
TS1
41
R/W
Transmit Signaling 2
TS2
42
R/W
Transmit Signaling 3
TS3
43
R/W
Transmit Signaling 4
TS4
44
R/W
Transmit Signaling 5
TS5
45
R/W
Transmit Signaling 6
TS6
46
R/W
Transmit Signaling 7
TS7
47
R/W
Transmit Signaling 8
TS8
48
R/W
Transmit Signaling 9
TS9
49
R/W
Transmit Signaling 10
TS10
4A
R/W
Transmit Signaling 11
TS11
4B
R/W
Transmit Signaling 12
TS12
4C
R/W
Transmit Signaling 13
TS13
4D
R/W
Transmit Signaling 14
TS14
4E
R/W
Transmit Signaling 15
TS15
4F
R/W
Transmit Signaling 16
TS16
50
R/W
Transmit Si Bits Align Frame
TSiAF
51
R/W
Transmit Si Bits Non-Align Frame
TSiNAF
52
R/W
Transmit Remote Alarm Bits
TRA
53
R/W
Transmit Sa4 Bits
TSa4
54
R/W
Transmit Sa5 Bits
TSa5
55
R/W
Transmit Sa6 Bits
TSa6
56
R/W
Transmit Sa7 Bits
TSa7
57
R/W
Transmit Sa8 Bits
TSa8
58
R
Receive Si bits Align Frame
RSiAF
59
R
Receive Si bits Non-Align Frame
RSiNAF
5A
R
Receive Remote Alarm Bits
RRA
5B
R
Receive Sa4 Bits
RSa4
5C
R
Receive Sa5 Bits
RSa5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com