Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP24401 Datasheet (PDF) - SIPAT Co,Ltd

SP24401 Datasheet PDF - SIPAT Co,Ltd
Part # SP24401
Download  SP24401 Download
File Size   196.62 Kbytes
Page   4 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 243.95MHz SAW Filter 0.3MHz Bandwidth

SP24401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP24401 Datasheet PDF - SIPAT Co,Ltd

Part # SP24401
Download  SP24401 Click to download

File Size   196.62 Kbytes
Page   4 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 243.95MHz SAW Filter 0.3MHz Bandwidth

SP24401 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - SP24401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP24401 SIPAT-SP24401 Datasheet
191Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
More results


Similar Description - SP24401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07203 SIPAT-LBS07203 Datasheet
269Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
136Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
138Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
191Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
logo
Integrated Technology F...
F2431 ITF-F2431 Datasheet
299Kb / 7P
SAW Bandpass Filter 243.95MHz
2004-11-01
logo
TAI-SAW TECHNOLOGY CO.,...
TB1118A TAI-SAW-TB1118A Datasheet
117Kb / 7P
SAW Filter 810MHz 0.3MHz BW (SMD 3.8횞3.8 mm)
logo
SIPAT Co,Ltd
LBS07203 SIPAT-LBS07203 Datasheet
275Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
LBS09614 SIPAT-LBS09614 Datasheet
314Kb / 3P
96MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
142Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
143Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com