Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP24401 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP24401
Description  243.95MHz SAW Filter 0.3MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP24401 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP24401 Datasheet HTML 1Page - SIPAT Co,Ltd SP24401 Datasheet HTML 2Page - SIPAT Co,Ltd SP24401 Datasheet HTML 3Page - SIPAT Co,Ltd SP24401 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP24401
Rev. Date
2006-10-11
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.1
Page 2/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
243.95MHz SAW Filter
0.3MHz Bandwidth
Part Number: SP24401
Matching Configuration
L1= L2=18nH
C1= C2=22pF
Capacitance : Tolerance +-5%
Inductance : Tolerance +-10%
Q 35
Maxing rating current:350mA
Package Dimension
2 input
9 output
Others:grounded
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2
2
9
12
13
14
R0.1
[14X]
R0.2
[4X]
R0.1
[4X]
0.64±0.13
[14X]
R0.15
R0.32
φ0.50
3.175
7.62±0.13
1.27±0.13
10.90±0.10
1.50±0.15
1.70±0.17
7
65
4
3
2
1
10
89
11
12
13
14
SP24401
0623
[14X]
11.40±0.15
12
3
4
56
7
8
9
10
11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com