Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP24401 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP24401
Description  243.95MHz SAW Filter 0.3MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP24401 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP24401 Datasheet HTML 1Page - SIPAT Co,Ltd SP24401 Datasheet HTML 2Page - SIPAT Co,Ltd SP24401 Datasheet HTML 3Page - SIPAT Co,Ltd SP24401 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP24401
Rev. Date
2006-10-11
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.1
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
243.95MHz SAW Filter
0.3MHz Bandwidth
Part Number: SP24401
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
243.95
-
Insertion Loss
dB
-
5.6
7
3dB Bandwidth
MHz
0.3
0.46
-
3dB Bandwidth low point
-
-
243.7
243.8
3dB Bandwidth high point
-
244.1
244.2
-
Passband Variation(f0±110kHz)
dB
-
0.65
1
Group Delay Variation(f0±110kHz)
nsec
-
80
200
Absolute Delay
usec
-
1.42
-
Attenuation
@Fn-1.3MHz
f0-1.3MHz to f0-0.72MHz
@Fn-0.7MHz
@Fn-0.6MHz
@Fn-0.5MHz
@Fn+0.5MHz
@Fn+0.6MHz
@Fn+0.7MHz
f0+0.73MHz to f0+1.3MHz
@Fn+1.3MHz
@Fn+10.8MHz
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
29
20
26
24
13
13
24
26
20
29
40
33
42
33
34
17
14
25
33
42
30
42
-
-
-
-
-
-
-
-
-
-
-
Input/Output VSWR
-
-
1.35
2
Source Impedance
ohm 
-
50
-
Load Impedance
ohm 
-
50
-
Subatrate Material
-
Quartz
Operating Temperature Range
°C
-15~+60
Storage Temperature Range
°C
-25~+85
Ambient Temperature
°C
25
Package Size
SMD 11*4B(11.4X4X1.7
mm
3)
Notes:
(1)
with matching network
(2)
All specifications are based on the test circuit shown below
(3)
Electrical margin has been built into the design to account for the variations due to manufacturing
tolerances


Similar Part No. - SP24401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP24401 SIPAT-SP24401 Datasheet
191Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
More results

Similar Description - SP24401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07203 SIPAT-LBS07203 Datasheet
269Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
136Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
138Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
191Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
logo
Integrated Technology F...
F2431 ITF-F2431 Datasheet
299Kb / 7P
SAW Bandpass Filter 243.95MHz
2004-11-01
logo
TAI-SAW TECHNOLOGY CO.,...
TB1118A TAI-SAW-TB1118A Datasheet
117Kb / 7P
SAW Filter 810MHz 0.3MHz BW (SMD 3.8횞3.8 mm)
logo
SIPAT Co,Ltd
LBS07203 SIPAT-LBS07203 Datasheet
275Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
LBS09614 SIPAT-LBS09614 Datasheet
314Kb / 3P
96MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
142Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
143Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com