Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB270 Datasheet (PDF) - Cystech Electonics Corp.

SB270 Datasheet PDF - Cystech Electonics Corp.
Part # SB270
Download  SB270 Download
File Size   185.4 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Schottky Barrier Rectifiers

SB270 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB270 Datasheet PDF - Cystech Electonics Corp.

Part # SB270
Download  SB270 Click to download

File Size   185.4 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Schottky Barrier Rectifiers

SB270 Datasheet (HTML) - Cystech Electonics Corp.


SB270 Product details

Reverse Voltage 70V to 100V Forward Current 2.0 Amperes



Features

• Metal semiconductor junction with guard ring

• Epitaxial construction

• Low forward voltage drop

• High current capability

• The plastic material carries UL recognition 94V-0

• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications



 




Similar Part No. - SB270

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB270 EIC-SB270 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB270 GOOD-ARK-SB270 Datasheet
180Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB270 BILIN-SB270 Datasheet
88Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SB270 SYNSEMI-SB270 Datasheet
37Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotech Company.
SB270 DIOTECH-SB270 Datasheet
727Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB270

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com