Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2186C Datasheet (PDF) - Elantec Semiconductor

EL2186C Datasheet PDF - Elantec Semiconductor
Part # EL2186C
Download  EL2186C Download
File Size   534.87 Kbytes
Page   19 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 250MHz/3mA Current Mode Feedback Amp w/Disable

EL2186C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2186C Datasheet PDF - Elantec Semiconductor

Part # EL2186C
Download  EL2186C Click to download

File Size   534.87 Kbytes
Page   19 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 250MHz/3mA Current Mode Feedback Amp w/Disable

EL2186C Datasheet (HTML) - Elantec Semiconductor


EL2186C Product details

General Description

The EL2186C/EL2286C are single/dual current-feedback operational amplifiers which achieve a -3dB bandwidth of 250MHz at a gain of +1 while consuming only 3mA of supply current per amplifier. They will operate with dual supplies ranging from ±1.5V to ±6V, or from single supplies ranging from +3V to +12V. The EL2186C/EL2286C also include a disable/power-down feature which reduces current consumption to 0mA while placing the amplifier output in a high impedance state. In spite of its low supply current, the EL2286C can output 55mA while swinging to ±4V on ±5V supplies. The EL2186C can output 100mA with similar output swings. These attributes make the EL2186C/EL2286C excellent choices for low power and/or low voltage cable-driver, HDSL, or RGB applications.



Features

• Single (EL2186C) and dual (EL2286C) topologies

• 3mA supply current (per amplifier)

• 250MHz -3dB bandwidth

• Low cost

• Fast disable

• Powers down to 0mA

• Single- and dual-supply operation down to ±1.5V

• 0.05%/0.05° diff. gain/diff. phase into 150W

• 1200V/µs slew rate

• Large output drive current:

   100mA (EL2186C)

  55mA (EL2286C)

• Also available without disable in single (EL2180C), dual (EL2280C) and quad (EL2480C)

• Lower power EL2170C/EL2176C family also available (1 mA/70MHz) in single, dual and quad



Applications

• Low power/battery applications

• HDSL amplifiers

• Video amplifiers

• Cable drivers

• RGB amplifiers

• Test equipment amplifiers

• Current to voltage converters




Similar Part No. - EL2186C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2186CN INTERSIL-EL2186CN Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2186CS INTERSIL-EL2186CS Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
More results


Similar Description - EL2186C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
May 23, 2005
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com