Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2186 Datasheet (PDF) - Intersil Corporation

EL2186 Datasheet PDF - Intersil Corporation
Part # EL2186
Download  EL2186 Download
File Size   343.16 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz/3mA Current Mode Feedback Amp w/Disable

EL2186 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2186 Datasheet PDF - Intersil Corporation

Part # EL2186
Download  EL2186 Click to download

File Size   343.16 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz/3mA Current Mode Feedback Amp w/Disable

EL2186 Datasheet (HTML) - Intersil Corporation


EL2186 Product details

The EL2186/EL2286 are single/dual current-feedback operational amplifiers which achieve a -3dB bandwidth of 250MHz at a gain of +1 while consuming only 3mA of supply current per amplifier. They will operate with dual supplies ranging from ±1.5V to ±6V, or from single supplies ranging from +3V to +12V. The EL2186/EL2286 also include a disable/power-down feature which reduces current consumption to 0mA while placing the amplifier output in a high impedance state. In spite of its low supply current, the EL2286 can output 55mA while swinging to ±4V on ±5V supplies. The EL2186 can output 100mA with similar output swings. These attributes make the EL2186/EL2286 excellent choices for low power and/or low voltage cable

driver, HDSL, or RGB applications.



Features

• Single (EL2186) and dual (EL2286) topologies

• 3mA supply current (per amplifier)

• 250MHz -3dB bandwidth

• Low cost

• Fast disable

• Powers down to 0mA

• Single- and dual-supply operation down to ±1.5V

• 0.05%/0.05° diff. gain/diff. phase into 150Ω

• 1200V/µs slew rate

• Large output drive current:

-100mA (EL2186)

-55mA (EL2286)

• Also available without disable in single (EL2180), dual (EL2280) and quad (EL2480)

• Lower power EL2170/EL2176 family also available (1mA/70MHz) in single, dual and quad



Applications

• Low power/battery applications

• HDSL amplifiers

• Video amplifiers

• Cable drivers

• RGB amplifiers

• Test equipment amplifiers

• Current to voltage converters




Similar Part No. - EL2186

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
EL2186CN ELANTEC-EL2186CN Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
EL2186CS ELANTEC-EL2186CS Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
More results


Similar Description - EL2186

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
May 23, 2005
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com