Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2386 Datasheet (PDF) - Renesas Technology Corp

EL2386 Datasheet PDF - Renesas Technology Corp
Part # EL2386
Download  EL2386 Download
File Size   894.84 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250MHz Triple Current Feedback Amplifier with Disable

EL2386 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2386 Datasheet PDF - Renesas Technology Corp

Part # EL2386
Download  EL2386 Click to download

File Size   894.84 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250MHz Triple Current Feedback Amplifier with Disable

EL2386 Datasheet (HTML) - Renesas Technology Corp


EL2386 Product details

The EL2386 is a triple current-feedback operational amplifier which achieves a -3dB bandwidth of 250MHz at a gain of +1 while consuming only 3mA of supply current per amplifier. It will operate with dual supplies ranging from ±1.5V to ±6V, or from single supplies ranging from +3V to +12V. The EL2386 also includes a disable/power-down feature which reduces current consumption to 0mA while placing the amplifier output in a high impedance state. In spite of its low supply current, the EL2386 can output 55mA while swinging to ±4V on ±5V supplies. These attributes make the EL2386 an excellent choice for low power and/or low voltage cable driver, HDSL, or RGB applications.

Features
• Triple amplifier topology
• 3mA supply current (per amplifier)
• 250MHz -3dB bandwidth
• Low cost
• Fast disable
• Powers down to 0mA
• Single- and dual-supply operation down to ±1.5V
• 0.05%/0.05° diff. gain/diff. phase into 150
• 1200V/µs slew rate
• Large output drive current: 55mA
• Available in single (EL2186) and dual (EL2286)
• Non power-down versions available in single, dual, and quad (EL2180, EL2280, EL2480)
• Lower power EL2170/EL2176 family also available (1mA/70MHz) in single, dual, and quad
• Pb-free available

Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
• Multiplexing
• Video broadcast equipment




Similar Part No. - EL2386

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2386 ELANTEC-EL2386 Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Elantec Semiconductor
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
EL2386CN ELANTEC-EL2386CN Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
EL2386CS ELANTEC-EL2386CS Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
More results


Similar Description - EL2386

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com