Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2386CS Datasheet (PDF) - Elantec Semiconductor

EL2386CS Datasheet PDF - Elantec Semiconductor
Part # EL2386CS
Download  EL2386CS Download
File Size   337.65 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 250 MHz Triple Current Feedback Amp w/Disable

EL2386CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2386CS Datasheet PDF - Elantec Semiconductor

Part # EL2386CS
Download  EL2386CS Click to download

File Size   337.65 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 250 MHz Triple Current Feedback Amp w/Disable

EL2386CS Datasheet (HTML) - Elantec Semiconductor


EL2386CS Product details

General Description
The EL2386C is a triple current-feedback operational amplifier which achieves a b3 dB bandwidth of 250 MHz at a gain of a1 while consuming only 3 mA of supply current per amplifier. It will operate with dual supplies ranging from g1.5V to g6V, or from single supplies ranging from a3V to a12V. The EL2386C also includes a disable/power-down feature which reduces current consumption to 0 mA while placing the amplifier output in a high impedance state. In spite of its low supply current, the EL2386C can output 55 mA while swinging to g4V on g5V supplies. These attributes make the EL2386C an excellent choice for low power and/or low voltage cable-driver, HDSL, or RGB applications.

Features
• Triple amplifier topology
• 3 mA supply current (per amplifier)
• 250 MHz b3 dB bandwidth
• Low cost
• Fast disable
• Powers down to 0 mA
• Single- and dual-supply operation down to g1.5V
• 0.05%/0.05§ Diff. gain/Diff. phase into 150X
• 1200V/ms slew rate
• Large output drive current: 55 mA
• Available in single (EL2186C) and dual (EL2286C) form
• Non-power down versions available in single, dual, and quad (EL2180C, EL2280C, EL2480C)
• Lower power EL2170C/EL2176C family also available (1 mA/70 MHz) in single, dual and quad.

Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
• Multiplexing
• Video broadcast equipment




Similar Part No. - EL2386CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2386CS INTERSIL-EL2386CS Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Renesas Technology Corp
EL2386CS RENESAS-EL2386CS Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2386CS-T13 INTERSIL-EL2386CS-T13 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Renesas Technology Corp
EL2386CS-T13 RENESAS-EL2386CS-T13 Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2386CS-T7 INTERSIL-EL2386CS-T7 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
More results


Similar Description - EL2386CS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL2176C ELANTEC-EL2176C Datasheet
359Kb / 20P
70 MHz/1 mA Current Mode Feedback Amp w/Disable
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
Triple 80 MHz Video Amplifier w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com