Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4451 Datasheet (PDF) - Elantec Semiconductor

EL4451 Datasheet PDF - Elantec Semiconductor
Part # EL4451
Download  EL4451 Download
File Size   302.11 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Wideband Variable-Gain Amplifier, Gain of 2

EL4451 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4451 Datasheet PDF - Elantec Semiconductor

Part # EL4451
Download  EL4451 Click to download

File Size   302.11 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Wideband Variable-Gain Amplifier, Gain of 2

EL4451 Datasheet (HTML) - Elantec Semiconductor


EL4451 Product details

General Description

The EL4451C is a complete variable gain circuit. It offers wide bandwidth and excellent linearity while including a powerful output voltage amplifier, drawing modest supply current.

The EL4451C operates on ±5V to ±15V supplies and has an analog input range of ±2V, making it ideal for video signal processing. AC characteristics do not change appreciably over the g5V to ±15V supply range.



Features

• Complete variable-gain amplifier with output amplifier, requires no extra components

• Excellent linearity of 0.2%

• 70 MHz signal bandwidth

• Operates on ±5V to ±15V supplies

• All inputs are differential

• 400V/μs slew rate

• >70dB attenuation @ 4 MHz



Applications

• Leveling of varying inputs

• Variable filters

• Fading

• Text insertion into video



 




Similar Part No. - EL4451

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
EL4451CN INTERSIL-EL4451CN Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
EL4451CS INTERSIL-EL4451CS Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
More results


Similar Description - EL4451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
Wideband Variable-Gain Amplifier with Gain of 10
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
EL4452 INTERSIL-EL4452 Datasheet
167Kb / 10P
Wideband Variable-Gain Amplifier with Gain of 10
December 1994
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com