Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6274CU Datasheet (PDF) - Elantec Semiconductor

EL6274CU Datasheet PDF - Elantec Semiconductor
Part # EL6274CU
Download  EL6274CU Download
File Size   133.69 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 4-Ch Laser Diode Driver Oscillator

EL6274CU Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6274CU Datasheet PDF - Elantec Semiconductor

Part # EL6274CU
Download  EL6274CU Click to download

File Size   133.69 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 4-Ch Laser Diode Driver Oscillator

EL6274CU Datasheet (HTML) - Elantec Semiconductor


EL6274CU Product details

General Description
The EL6274C is a four channel laser diode current amplifier that provides controlled current to a grounded laser diode. The four amplifiers can provide 140mA per channel of DC or pulsed current. Channels 2, 3, and 4 should be used as the write channels, with switching speeds of approximately three nanosecond rise/fall time. All four channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance.

Features
• Shrink Small Outline Package
• Voltage-controlled output current source of 140mA per channel, requiring one external set resistor per channel
• Current-controlled output current source of 140mA per channel
• Rise time = 3.0ns
• Fall time = 3.5ns
• On chip oscillator with frequency and amplitude control by use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mA pk/pk
• Single +5V supply (±10%)
• Current amplification = 100
• Disable feature for power-up protection and power savings
• TTL/CMOS control signals

Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6274CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
Laser Driver with Ocillator and APC
EL6272C ELANTEC-EL6272C Datasheet
38Kb / 2P
1-Ch Laser Diode Driver Oscillator
EL6272CY ELANTEC-EL6272CY Datasheet
38Kb / 2P
1-Ch Laser Diode Driver Oscillator
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6273CU ELANTEC-EL6273CU Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results


Similar Description - EL6274CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6247C ELANTEC-EL6247C Datasheet
133Kb / 2P
3-Ch Laser Diode Driver Oscillator
EL6249C ELANTEC-EL6249C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6272C ELANTEC-EL6272C Datasheet
38Kb / 2P
1-Ch Laser Diode Driver Oscillator
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6276C ELANTEC-EL6276C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6279C ELANTEC-EL6279C Datasheet
40Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6286C ELANTEC-EL6286C Datasheet
152Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6287C ELANTEC-EL6287C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6146 INTERSIL-EL6146 Datasheet
23Kb / 2P
4-Channel Laser Diode Driver Oscillator
June 15, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com