Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6273CU Datasheet (PDF) - Elantec Semiconductor

EL6273CU Datasheet PDF - Elantec Semiconductor
Part # EL6273CU
Download  EL6273CU Download
File Size   135.41 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6273CU Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6273CU Datasheet PDF - Elantec Semiconductor

Part # EL6273CU
Download  EL6273CU Click to download

File Size   135.41 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6273CU Datasheet (HTML) - Elantec Semiconductor


EL6273CU Product details

General Description
The EL6273C is a high-performance three channel laser driver that provides controlled current to a grounded laser diode. Three amplifiers can provide up to 140mA per channel of DC or pulsed current. Channels 2 and 3 should be used as the write channels, with switching speeds of approximately three nanoseconds rise/fall time. All three channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified by 400X to become a current source at pin IOUT.

Features
• “Shrink-Small” Outline Package
• Voltage-controlled output current source to 140mA per channel, requiring one external set resistor per channel
• Current-controlled output current source to 140mA per channel
• Rise time = 3.0ns
• Fall time = 3.5ns
• On chip oscillator with frequency and amplitude control by use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mA pk/pk
• Single +5V supply (±10%)
• Current amplification = 400X
• Disable feature for power-up protection and power savings
• TTL/CMOS control signals
• Fast Settling APC Amplifier

Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6273CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
Laser Driver with Ocillator and APC
EL6272C ELANTEC-EL6272C Datasheet
38Kb / 2P
1-Ch Laser Diode Driver Oscillator
EL6272CY ELANTEC-EL6272CY Datasheet
38Kb / 2P
1-Ch Laser Diode Driver Oscillator
EL6274C ELANTEC-EL6274C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6274CU ELANTEC-EL6274CU Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
More results


Similar Description - EL6273CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
3-Channel Laser Driver Oscillator APC Amplifier
EL6283C ELANTEC-EL6283C Datasheet
41Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 14, 2004
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com