Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6272C Datasheet (PDF) - Elantec Semiconductor

EL6272C Datasheet PDF - Elantec Semiconductor
Part # EL6272C
Download  EL6272C Download
File Size   38.36 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 1-Ch Laser Diode Driver Oscillator

EL6272C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6272C Datasheet PDF - Elantec Semiconductor

Part # EL6272C
Download  EL6272C Click to download

File Size   38.36 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 1-Ch Laser Diode Driver Oscillator

EL6272C Datasheet (HTML) - Elantec Semiconductor


EL6272C Product details

General Description
The EL6272C is a single channel laser diode current amplifier that provides controlled current to a grounded laser diode. The amplifier can provide up to 200 mA of DC or pulsed current with switching speeds of approximately three nanoseconds rise/fall time. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified by 100X to become a current source at pin IOUT.

Features
• Voltage-controlled output current source (requiring one external set resistor)
• Current-controlled output current source.
• Rise time = 3.0 ns typ.
• Fall time = 3.5 ns typ.
• On-chip oscillator w/frequency and amplitude control by use of external resistors to ground.
• Oscillator to 500 MHz typ.
• Oscillator to 100 mA pk/pk typ.
• Single +5V supply (±10%)
• Current amplification = 100
• TTL/CMOS control signals

Applications
• MO drives
• Mini-Disc drives
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6272C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
Laser Driver with Ocillator and APC
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6273CU ELANTEC-EL6273CU Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6274C ELANTEC-EL6274C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6274CU ELANTEC-EL6274CU Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
More results


Similar Description - EL6272C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6247C ELANTEC-EL6247C Datasheet
133Kb / 2P
3-Ch Laser Diode Driver Oscillator
EL6249C ELANTEC-EL6249C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
3-Channel Laser Diode Driver Oscillator
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6274C ELANTEC-EL6274C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6276C ELANTEC-EL6276C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6279C ELANTEC-EL6279C Datasheet
40Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6286C ELANTEC-EL6286C Datasheet
152Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6287C ELANTEC-EL6287C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com