Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6272C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL6272C
Description  1-Ch Laser Diode Driver Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6272C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL6272C Datasheet HTML 1Page - Elantec Semiconductor EL6272C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2000 Elantec Semiconductor, Inc.
North America: 1-888-352-6832 X 311
Asia: +85-45-682-5820
Europe: +44-18-977-6020
Complete Product Specifications
Elantec Technical Support:
Features
• Voltage-controlled output current
source (requiring one external set
resistor)
• Current-controlled output current
source.
• Rise time = 3.0 ns typ.
• Fall time = 3.5 ns typ.
• On-chip oscillator w/frequency
and amplitude control by use of
external resistors to ground.
• Oscillator to 500 MHz typ.
• Oscillator to 100 mA pk/pk typ.
• Single +5V supply (±10%)
• Current amplification = 100
• TTL/CMOS control signals
Applications
• MO drives
• Mini-Disc drives
• Writable optical drives
• Laser diode current switching
Ordering Information
Part No
Temp. Range
Package
Outline #
EL6272CY
0°C to +70°C
MSOP10
MDP0043
EL6272C - Product Brief
1-Ch Laser Diode Driver + Oscillator
General Description
The EL6272C is a single channel laser diode current amplifier that
provides controlled current to a grounded laser diode. The amplifier
can provide up to 200 mA of DC or pulsed current with switching
speeds of approximately three nanoseconds rise/fall time. The level of
the output current is set by an analog voltage applied to an external
resistor which converts the voltage into a current at the IIN pin (virtu-
ally ground). The current seen at this pin is then amplified by 100X to
become a current source at pin IOUT.
An on-chip 500 MHz oscillator is provided to allow current modula-
tion when in read mode. This is turned on when the OSCEN pin is held
high. Complete control of amplitude and frequency is set by two exter-
nal resistors connected to ground at pins RFREQ and RAMP (see
graphs in this data sheet for further explanation).
Output write current pulses are enabled when an ‘L’ signal is applied
to the OUTEN pin.
The external resistor allows the user to accurately and independently
set the amplifier transconductance by applying a voltage to the set
resistor, without restriction on the voltage range, thus ensuring broad
voltage DAC compatibility. Alternatively, the IIN pin can be biased
from a current DAC or other current source.
Connection Diagram
1
2
3
4
10
9
8
7
5
6
VCC
IOUT
GND
RAMP
VCC
ENABLE
IIN
RFREQ
OUTEN
OSCEN


Similar Part No. - EL6272C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
Laser Driver with Ocillator and APC
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6273CU ELANTEC-EL6273CU Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6274C ELANTEC-EL6274C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6274CU ELANTEC-EL6274CU Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
More results

Similar Description - EL6272C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6247C ELANTEC-EL6247C Datasheet
133Kb / 2P
3-Ch Laser Diode Driver Oscillator
EL6249C ELANTEC-EL6249C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
3-Channel Laser Diode Driver Oscillator
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6274C ELANTEC-EL6274C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6276C ELANTEC-EL6276C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6279C ELANTEC-EL6279C Datasheet
40Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6286C ELANTEC-EL6286C Datasheet
152Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6287C ELANTEC-EL6287C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com