Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73362 Datasheet (PDF) - ELAN Microelectronics Corp

EM73362 Datasheet PDF - ELAN Microelectronics Corp
Part # EM73362
Download  EM73362 Download
File Size   219.62 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73362 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73362 Datasheet PDF - ELAN Microelectronics Corp

Part # EM73362
Download  EM73362 Click to download

File Size   219.62 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73362 Datasheet (HTML) - ELAN Microelectronics Corp


EM73362 Product details

GENERAL DESCRIPTION
EM73362 is an advanced single chip CMOS 4-bit micro-controller. It contains 3K-byte ROM, 52-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, one 12-bit timer for the kernal function and one high speed counter. EM73362 also contains 5 interrupt sources, 1 input port, 4 bidirection ports, built-in watchdog-timer and LCD driver (27x3 to 15x3).
Except low-power consumption and high speed, EM73362 has the STOP mode and IDLE mode operation for power saving function.

FEATURES
• Operation voltage : 1.2V to 1.8V.(clock frequency : 32 K Hz)
• Clock source : Single clock system for crystal, connect a external resistor or external clock
   source, available by mask option.
• Instruction set : 109 powerful instructions.
• Instruction cycle time : Up to 122µs for 32 K Hz.
• ROM capacity : 3072 x 8 bits.
• RAM capacity : 52 x 4 bits.
• Input port : 1 port (4-bit).
• Bidirection port : 4 ports (P4, P6, P7, P8) are available by mask option. P4 is a high current port.
   (P4.0 and TONE available by mask option. P4.1~P4.3 are shared with the input/
   output of RFO.) P6, P7 and P8 are shared with SEG15-SEG26.
• 12-bit timer : One 12-bit timer is programmable for timer.
• High speed counter : The high speed counter includes one 8-bit high speed counter, one 12-bit general
   counter and a resistor frequency oscillator. It has resistor to frequency oscillation
   mode, melody mode and auto load timer mode.
• Built-in time base counter: 22 stages.
• Subrountine nesting : Up to 13 levels.
• Interrupt : External interrupt . . . . . . 2 input interrupt sources.
                   Internal interrupt . . . . . . 2 timer overflow interrupts,
                                                          1 time base interrupt.
• LCD driver : 27x3 to 15x3 dots available by mask option. 1/3, 1/2 and static three kinds of duty
   (1/2 bias) selectable. The programming method of LCD driver is RAM mapping.
• Built-in watch-dog-timer is available by mask option.
• Built-in low battery detector.
• Power saving function : STOP mode and IDLE mode.
• Package type : Chip form 49 pins.




Similar Part No. - EM73362

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73361AAQ EMC-EM73361AAQ Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Similar Description - EM73362

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com