Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73461B Datasheet (PDF) - ELAN Microelectronics Corp

EM73461B Datasheet PDF - ELAN Microelectronics Corp
Part # EM73461B
Download  EM73461B Download
File Size   231.74 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73461B Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73461B Datasheet PDF - ELAN Microelectronics Corp

Part # EM73461B
Download  EM73461B Click to download

File Size   231.74 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73461B Datasheet (HTML) - ELAN Microelectronics Corp


EM73461B Product details

GENERAL DESCRIPTION
EM73461B is an advanced single chip CMOS 4-bit micro-controller. It contains 4K/8K-byte ROM, 244-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function. EM73461B also contains 6 interrupt sources, 1 input port, 2 bidirection ports, LCD display (32x4), and one high speed timer/counter with melody output.
EM73461B has plentiful operating modes (SLOW, IDLE, STOP) intended to reduce the power consumption.

FEATURES
• Operation voltage : 2.4V to 3.6V.
• Clock source : Dual clock system. Low-frequency oscillator is Crystal or RC oscillator (32K Hz,
   connect an external resistor) by mask option and high-frequency oscillator is RC
   oscillator (connect an external resistor), or built-in internal oscillator.
• Instruction set : 109 powerful instructions for 4K ROM / 107 powerful instructoins for 8K ROM.
• Instruction cycle time : 0.85µs for 9.2M or 1.7µs for 4.6M or 2µs for 4MHz. Selected by mask option (high
   speed clock).
   122 µs or 244µs by frequency double mask option for 32768 Hz (low speed clock).
• ROM capacity : 4096 X 8 bits / 8192 X 8 bits ROM are choosed by mask option.
• RAM capacity : 244 X 4 bits.
• Input port : 1 port (P0). P0(0..3) and IDLE releasing function are available by mask option.
• Bidirection port : 2 ports (P4, P8). P4.0 and SOUND is available by mask option. P4.1 is shared with
   HTC external input. P8(0..3) and IDLE releasing function are available by mask
   option.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer, event counter and pulse width
   measurement.
• High speed timer/counter : One 8-bit high speed timer/counters is programmable for auto load timer, melody
   output and pulse width measurement.
• Built-in time base counter : 22 stages.
• Subroutine nesting : Up to 13 levels.
• Interrupt : External . . . . . 2 input interrupt sources.
                   Internal . . . . . . 2 Timer overflow interrupts, 1 time base interrupt.
                                            1 high speed timer overflow interrupt.
• LCD driver : 32 X 4 dots, 1/4duty, 1/3duty, 1/2duty, static, 1/2 bias, 1/3 bias; 6 options selectable.
• Power saving function : SLOW, IDLE, STOP operation mode.
• Package type : Chip form 61 pins.

APPLICATIONS
   EM73461B is suitable for application in family applicance, consumer products, hand held games and the toy controller.




Similar Part No. - EM73461B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Similar Description - EM73461B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com