Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P361A Datasheet (PDF) - ELAN Microelectronics Corp

EM73P361A Datasheet PDF - ELAN Microelectronics Corp
Part # EM73P361A
Download  EM73P361A Download
File Size   309.22 Kbytes
Page   36 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73P361A Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73P361A Datasheet PDF - ELAN Microelectronics Corp

Part # EM73P361A
Download  EM73P361A Click to download

File Size   309.22 Kbytes
Page   36 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73P361A Datasheet (HTML) - ELAN Microelectronics Corp


EM73P361A Product details

GENERAL DESCRIPTION
EM73P361A is an advanced single chip CMOS 4-bit one-time programming (OTP) micro-controller. It contains 3K-byte OTP ROM, 52-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function. EM73P361A also contains 5 interrupt sources, 1 input port, 4 bidirection I/O ports, built-in watch-dog-timer counter, tone generator and LCD driver (27x3 to 13x3).
Except low-power consumption and high speed, EM73P361A also have a sleep mode operation for power saving.

FEATURES
• Operation voltage : 2.4V to 3.6V(clock frequency : 32K Hz).
• Clock source : Single clock system for crystal, connect a external resistor or external clock source available by mask option.
• Instruction set : 109 powerful instructions.
• Instruction cycle time : 122µs for 32K Hz.
• OTP ROM capacity : 3072 x 8 bits.
• RAM capacity : 52 x 4 bits.
• Input port : 1 port (P0)(Pull-up and pull-down resistor with wakeup function available by mask option).
• Bidirection port : 4 ports (P4, P5, P6, P7) are available by mask option. (each I/O pin is push-pull and open-drain available by mask option) P4.0 is high current pin (P4.0 and TONE available by mask option). P4.2~P4.3, P5, P6 and P7 are shared with SEG26-SEG13 by mask option.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer mode.
• Low voltage reset (LVR) : Reset at 2.2V, and reset release at 2.4V.
• Tone generator : There is a built-in tone generator.
• Built-in time base counter : 22 stages.
• Subroutine nesting : Up to 13 levels.
• Interrupt : External . . . . . 2 External interrupt (INT0, INT1).
    Internal . . . . . . 2 Timer overflow interrupts. 1 Time base interrupt.
• LCD driver : 27 X 3 to 13 X 3 dots available by mask option. Capacitor divider and resistor divider are available by mask option.1/3, 1/2 and static three kinds of duty (1/2 bias) selectable. The programming method of LCD driver is I/O mapping.
• Built-in watch-dog-timer : The WDT is enabled or disabled by mask option.
• Power saving function : Sleep mode and Hold mode.
• Package type : EM73P361AH Chip form 47 pins. EM73P361AAQ QFP 100 pins.

APPLICATIONS
    EM73P361A is suitable for application in family appliance, consumer products, hand held games and the toy controller.




Similar Part No. - EM73P361A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73P362 EMC-EM73P362 Datasheet
407Kb / 44P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73P362BQ EMC-EM73P362BQ Datasheet
407Kb / 44P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73P362CQ EMC-EM73P362CQ Datasheet
407Kb / 44P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Similar Description - EM73P361A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com