Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021BCPZ Datasheet (PDF) - Analog Devices

ADF7021BCPZ Datasheet PDF - Analog Devices
Part # ADF7021BCPZ
Download  ADF7021BCPZ Download
File Size   1250.97 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Narrow-Band Transceiver IC

ADF7021BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7021BCPZ Datasheet PDF - Analog Devices

Part # ADF7021BCPZ
Download  ADF7021BCPZ Click to download

File Size   1250.97 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Narrow-Band Transceiver IC

ADF7021BCPZ Datasheet (HTML) - Analog Devices


ADF7021BCPZ Product details

GENERAL DESCRIPTION
The ADF7021 is a high performance, low power, highly integrated 2FSK/3FSK/4FSK transceiver. It is designed to operate in the narrow-band, license-free ISM bands, and in the licensed bands with frequency ranges of 80 MHz to 650 MHz and 862 MHz to 950 MHz. The part has both Gaussian and raised cosine transmit data filtering options to improve spectral efficiency for narrow band applications. It is suitable for circuit applications targeted at European ETSI EN 300 220, the Japanese ARIB STD-T67, the Chinese short range device regulations, and the North American FCC Part 15, Part 90, and Part 95 regulatory standards. A complete transceiver can be built using a small number of external discrete components, making the ADF7021 very suitable for price sensitive and area sensitive applications.
The range of on-chip FSK modulation and data filtering options allows users greater flexibility in their choice of modulation schemes while meeting tight spectral efficiency requirements. The ADF7021 also supports protocols that dynamically switch between 2FSK/3FSK/4FSK to maximize communication range and data throughput.
The transmit section contains dual voltage controlled oscillators (VCOs) and a low noise fractional-N PLL with an output resolution of <1 ppm. The ADF7021 has a VCO using an internal LC tank (431 MHz to 475 MHz, 862 MHz to 950 MHz) and a VCO using an external inductor as part of its tank circuit (80 MHz to 650 MHz). The dual VCO design allows dual-band operation where the user can transmit and/or receive at any frequency supported by the internal inductor VCO and can also transmit and/or receive at a particular frequency band supported by the external inductor VCO.
The frequency agile PLL allows the ADF7021 to be used in frequency hopping spread spectrum (FHSS) systems.
Both VCOs operate at twice the fundamental frequency to reduce spurious emissions and frequency pulling problems.

FEATURES
  Low power, narrow-band transceiver
  Frequency bands using dual VCO
     80 MHz to 650 MHz
     862 MHz to 950 MHz
  Modulation schemes
     2FSK, 3FSK, 4FSK, MSK
  Spectral shaping
     Gaussian and raised cosine filtering
  Data rates supported
     0.05 kbps to 32.8 kbps
  2.3 V to 3.6 V power supply
  Programmable output power
     −16 dBm to +13 dBm in 63 steps
  Automatic PA ramp control
  Receiver sensitivity
     −130 dBm at 100 bps, 2FSK
     −122 dBm at 1 kbps, 2FSK
     −113 dBm at 25 kbps, raised cosine 2FSK
  Patent pending, on-chip image rejection calibration
  On-chip VCO and fractional-N PLL
  On-chip, 7-bit ADC and temperature sensor
  Fully automatic frequency control loop (AFC)
  Digital received signal strength indication (RSSI)
  Integrated Tx/Rx switch
  0.1 µA leakage current in power-down mode
 
APPLICATIONS
  Narrow-band standards
     ETSI EN 300 220, FCC Part 15, FCC Part 90, FCC Part 95,
     ARIB STD-T67
  Low cost, wireless data transfer
  Remote control/security systems
  Wireless metering
  Private mobile radio
  Wireless medical telemetry service (WMTS)
  Keyless entry
  Home automation
  Process and building control
  Pagers




Similar Part No. - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
471Kb / 44P
High Performance Narrowband ISM Transceiver IC
Rev. PrI
More results


Similar Description - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
High Performance ISM Band Transceiver IC
2/06-Rev. 0 to Rev. A
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
Narrow Band Radio Transceiver
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
UHF Narrow Band Transceiver
logo
Analog Devices
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
High Performance Narrow-Band Transceiver IC
REV. C
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
High Performance ISM Band Transceiver IC
REV. B
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com