Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB355 Datasheet (PDF) - List of Unclassifed Manufacturers

OPB355 Datasheet PDF - List of Unclassifed Manufacturers
Part # OPB355
Download  OPB355 Download
File Size   479.54 Kbytes
Page   10 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 0.125 (3.175 mm) slot width

OPB355 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB355 Datasheet PDF - List of Unclassifed Manufacturers

Part # OPB355
Download  OPB355 Click to download

File Size   479.54 Kbytes
Page   10 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 0.125 (3.175 mm) slot width

OPB355 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - OPB355

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
Slotted Op tical Switches
1/16
OPB355 OPTEK-OPB355 Datasheet
538Kb / 10P
Slotted Optical Switch
logo
List of Unclassifed Man...
OPB355 ETC-OPB355 Datasheet
484Kb / 10P
Slotted Optical Switch
OPB355 ETC-OPB355 Datasheet
479Kb / 10P
Slotted Optical Switch
OPB355 ETC2-OPB355 Datasheet
479Kb / 10P
Slotted Optical Switch
More results


Similar Description - OPB355

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
REEL-DFN-6D AME-REEL-DFN-6D Datasheet
27Kb / 1P
(2x2x0.75mm) Carrier Width (W) 8.0-0.1 mm
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
EE-SX3350 OMRON-EE-SX3350 Datasheet
1Mb / 6P
Compact Slot / SMD Type (Slot width: 5 mm)
logo
PHOENIX CONTACT
PLC-BPT-TTL PHOENIX-PLC-BPT-TTL Datasheet
122Kb / 10P
6.2 mm narrow design width
0801730 PHOENIX-0801730 Datasheet
48Kb / 1P
DIN rail, width: 53 mm, height: 80 mm
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
2727501 PHOENIX-2727501 Datasheet
75Kb / 3P
Labeling field, width: 12.2 mm
logo
Bel Fuse Inc.
LDW480 BEL-LDW480 Datasheet
569Kb / 4P
Only 73 mm width aluminum enclosure
logo
Omron Electronics LLC
EE-SX3340 OMRON-EE-SX3340 Datasheet
1Mb / 6P
Compact Slot / SMD Type (Slot width: 4 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com