Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB355 Datasheet (PDF) - OPTEK Technologies

OPB355 Datasheet PDF - OPTEK Technologies
Part # OPB355
Download  OPB355 Download
File Size   201.85 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Op tical Switches

OPB355 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB355 Datasheet PDF - OPTEK Technologies

Part # OPB355
Download  OPB355 Click to download

File Size   201.85 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Op tical Switches

OPB355 Datasheet (HTML) - OPTEK Technologies


OPB355 Product details

Description:
Each device in this series provides the flexibility of a custom device from a standard product line. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can choose aperture width, opaque or IR transmissive housing shell material, PCBoard lead spacing or wires and mounting tab configuration.

Features:
• 0.125” (3.175 mm) slot width
• Choice of aperture (0.050” or 0.010” width)
• Choice of opaque or IR transmissive shell material
• Choice of mounting configurations
• Choice of lead spacing or wires




Similar Part No. - OPB355

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB355 OPTEK-OPB355 Datasheet
538Kb / 10P
Slotted Optical Switch
logo
List of Unclassifed Man...
OPB355 ETC-OPB355 Datasheet
484Kb / 10P
Slotted Optical Switch
OPB355 ETC-OPB355 Datasheet
479Kb / 10P
Slotted Optical Switch
OPB355 ETC2-OPB355 Datasheet
479Kb / 10P
Slotted Optical Switch
OPB355 ETC2-OPB355 Datasheet
479Kb / 10P
0.125 (3.175 mm) slot width
More results


Similar Description - OPB355

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB847 OPTEK-OPB847 Datasheet
299Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB360 OPTEK-OPB360 Datasheet
1Mb / 4P
Slotted Op ti cal Switches
Aug-1996
OPB817 OPTEK-OPB817 Datasheet
107Kb / 2P
Slotted Op tical Switch
Feb-2001
OPB816 OPTEK-OPB816 Datasheet
47Kb / 2P
Slotted Op tical Switch
Nov-2000
OPB819 OPTEK-OPB819 Datasheet
102Kb / 2P
Slotted Op tical Switch
OPB380 OPTEK-OPB380 Datasheet
1Mb / 4P
Slotted Op ti cal Switches
Aug-1996
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB621 OPTEK-OPB621 Datasheet
46Kb / 2P
Slotted Op tical Switch
1/16
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
Slotted Optical Switches
January 2006
OPB917B OPTEK-OPB917B Datasheet
158Kb / 3P
Photologic창 Slotted Op tical Switches Type OPB917 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com