Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB816 Datasheet (PDF) - OPTEK Technologies

OPB816 Datasheet PDF - OPTEK Technologies
Part # OPB816
Download  OPB816 Download
File Size   47.89 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Op tical Switch

OPB816 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB816 Datasheet PDF - OPTEK Technologies

Part # OPB816
Download  OPB816 Click to download

File Size   47.89 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Op tical Switch

OPB816 Datasheet (HTML) - OPTEK Technologies


OPB816 Product details

Description

The OPB816 consists of an infrared emitting diode and an NPN silicon phototransistor mounted in an opaque housing with clear windows for dust protection. The deep slot allows for a longer reach of the optical center line from the mounting plane, .650” (16.51 mm).



Features

·.20”(5.08 mm) wide gap

·24”minimum, 26 AWG wire leads .86” (21.8 mm) deep slot

·Dust protection




Similar Part No. - OPB816

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB816 TTELEC-OPB816 Datasheet
456Kb / 3P
Slotted Optical Switch
11/2020
logo
OPTEK Technologies
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB816Z TTELEC-OPB816Z Datasheet
657Kb / 4P
Slotted Optical Switch
OPB816Z TTELEC-OPB816Z Datasheet
456Kb / 3P
Slotted Optical Switch
11/2020
More results


Similar Description - OPB816

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
SLOTTED SWITCH
logo
OPTEK Technologies
OPB817 OPTEK-OPB817 Datasheet
107Kb / 2P
Slotted Op tical Switch
Feb-2001
OPB819 OPTEK-OPB819 Datasheet
102Kb / 2P
Slotted Op tical Switch
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
Slotted Op tical Switches
1/16
OPB780 OPTEK-OPB780 Datasheet
119Kb / 1P
Slotted Switch
05/05
OPB621 OPTEK-OPB621 Datasheet
46Kb / 2P
Slotted Op tical Switch
1/16
OPB917B OPTEK-OPB917B Datasheet
158Kb / 3P
Photologic창 Slotted Op tical Switches Type OPB917 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com