Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB817 Datasheet (PDF) - OPTEK Technologies

OPB817 Datasheet PDF - OPTEK Technologies
Part # OPB817
Download  OPB817 Download
File Size   107.45 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Op tical Switch

OPB817 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB817 Datasheet PDF - OPTEK Technologies

Part # OPB817
Download  OPB817 Click to download

File Size   107.45 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Op tical Switch

OPB817 Datasheet (HTML) - OPTEK Technologies


OPB817 Product details

Description
The OPB817 consists of an infrared emitting diode and an NPN silicon phototransistor mounted in an opaque housing with clear windows for dust protection. The extended deep slot allows for a longer reach of the optical center line from the mounting plane, .90” (22.86 mm).
Internal apertures are .010”x 0.06”for the phototransistor “S side”and .050”x .06”for the LED “E side”.

Features
• .20”(5.08 mm) wide gap
• 24”minimum, 26 AWG wire leads
• Dust protection
• .86”(21.8 mm) deep slot




Similar Part No. - OPB817

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB817 TTELEC-OPB817 Datasheet
477Kb / 3P
Slotted Optical Switch
11/2020
logo
OPTEK Technologies
OPB817Z OPTEK-OPB817Z Datasheet
386Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB817Z TTELEC-OPB817Z Datasheet
670Kb / 4P
Slotted Optical Switch
OPB817Z TTELEC-OPB817Z Datasheet
477Kb / 3P
Slotted Optical Switch
11/2020
More results


Similar Description - OPB817

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
SLOTTED SWITCH
logo
OPTEK Technologies
OPB816 OPTEK-OPB816 Datasheet
47Kb / 2P
Slotted Op tical Switch
Nov-2000
OPB819 OPTEK-OPB819 Datasheet
102Kb / 2P
Slotted Op tical Switch
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
Slotted Op tical Switches
1/16
OPB780 OPTEK-OPB780 Datasheet
119Kb / 1P
Slotted Switch
05/05
OPB621 OPTEK-OPB621 Datasheet
46Kb / 2P
Slotted Op tical Switch
1/16
OPB917B OPTEK-OPB917B Datasheet
158Kb / 3P
Photologic창 Slotted Op tical Switches Type OPB917 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com