Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20166 Datasheet (PDF) - Ericsson

PTB20166 Datasheet PDF - Ericsson
Part # PTB20166
Download  PTB20166 Download
File Size   46.1 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 23 Watts, 675-925 MHz Common Base RF Power Transistor

PTB20166 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20166 Datasheet PDF - Ericsson

Part # PTB20166
Download  PTB20166 Click to download

File Size   46.1 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 23 Watts, 675-925 MHz Common Base RF Power Transistor

PTB20166 Datasheet (HTML) - Ericsson


PTB20166 Product details

Description
The 20166 is an NPN, common base RF power transistor intended for 24–30 Vdc class C operation from 675 to 925 MHz. Rated at 23 watts minimum output power, it may be used for both CW and pulsed applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• Specified at 28 Volt, 925 MHz
• Class C Characteristics
• 55% Min Collector Efficiency at 23 Watts
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20166

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20162 ERICSSON-PTB20162 Datasheet
42Kb / 2P
40 Watts, 470-900 MHz RF Power Transistor
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
60 Watts, 850-960 MHz RF Power Transistor
More results


Similar Description - PTB20166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW916 MOTOROLA-MHW916 Datasheet
83Kb / 4P
16 WATT 925-960 MHz RF POWER AMPLIFIER
logo
Ericsson
PTB20030 ERICSSON-PTB20030 Datasheet
44Kb / 3P
15 Watts, 420-470 MHz RF Power Transistor
PTB20031 ERICSSON-PTB20031 Datasheet
44Kb / 2P
40 Watts, 420-470 MHz RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20135 ERICSSON-PTB20135 Datasheet
47Kb / 3P
85 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20219 ERICSSON-PTB20219 Datasheet
563Kb / 4P
70 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTF102027 ERICSSON-PTF102027 Datasheet
207Kb / 6P
40 Watts, 925-960 MHz GOLDMOS Field Effect Transistor
logo
List of Unclassifed Man...
TRW-V10-916-P ETC2-TRW-V10-916-P Datasheet
1Mb / 12P
925 Mhz Wireless RF Hi Power Transceiver Module
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com