Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533B Datasheet (PDF) - Active-Semi, Inc

ACT4533B Datasheet PDF - Active-Semi, Inc
Part # ACT4533B
Download  ACT4533B Download
File Size   452.09 Kbytes
Page   18 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide-Input Sensorless CC/CV Step-Down DC/DC Converter

ACT4533B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4533B Datasheet PDF - Active-Semi, Inc

Part # ACT4533B
Download  ACT4533B Click to download

File Size   452.09 Kbytes
Page   18 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide-Input Sensorless CC/CV Step-Down DC/DC Converter

ACT4533B Datasheet (HTML) - Active-Semi, Inc


ACT4533B Product details

GENERAL DESCRIPTION
ACT4533A/B is a wide input voltage, high efficiency ActiveCC step-down DC/DC converter that operates in either CV (Constant Output Voltage) mode or CC (Constant Output Current) mode. ACT4533A/B provides up to 3.5A output current at 125kHz switching frequency.

FEATURES
• 40V Input Voltage Surge
• 36V Steady State Operation
• Up to 3.5A output current
• Output Voltage up to 12V
• 125kHz Switching Frequency Eases EMI Design
• 91% Efficiency (Vout=5V@2.4A at Vin=12V)
• Stable with Low-ESR Ceramic Capacitors to Allow Low-Profile Designs
• Integrated Over Voltage Protection
• Excellent EMI Performance
• Patented ActiveCC Sensorless Constant Current Control Improves Efficiency and Lowers Cost.
• Resistor Programmable
    − Current Limit from 1.5A to 4.0A
    − Patented Cable Compensation from 0 to 0.25Ω
• ±7.5% CC Accuracy
    − Compensation of Input /Output Voltage Change
    − Temperature Compensation
    − Independent of inductance and Inductor DCR
• 2% Feedback Voltage Accuracy
• Advanced Feature Set
    − Integrated Soft Start
    − Thermal Shutdown
    − Secondary Cycle-by-Cycle Current Limit
    − Protection Against Shorted ISET Pin
• SOP-8EP Package

APPLICATIONS
• Car Charger/ Adaptor
• Rechargeable Portable Devices
• General-Purpose CV/CC Power Supply




Similar Part No. - ACT4533B

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4533BYH-T ACTIVE-SEMI-ACT4533BYH-T Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4533BYH-T ACTIVE-SEMI-ACT4533BYH-T Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
logo
Qorvo, Inc
ACT4533BYH-T QORVO-ACT4533BYH-T Datasheet
3Mb / 19P
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
Rev. B, January 2025
More results


Similar Description - ACT4533B

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com