Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533B Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4533B
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533B Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4533B Datasheet HTML 6Page - Active-Semi, Inc ACT4533B Datasheet HTML 7Page - Active-Semi, Inc ACT4533B Datasheet HTML 8Page - Active-Semi, Inc ACT4533B Datasheet HTML 9Page - Active-Semi, Inc ACT4533B Datasheet HTML 10Page - Active-Semi, Inc ACT4533B Datasheet HTML 11Page - Active-Semi, Inc ACT4533B Datasheet HTML 12Page - Active-Semi, Inc ACT4533B Datasheet HTML 13Page - Active-Semi, Inc ACT4533B Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ACT4533A/B
Rev 0, 14-Aug-13
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
STABILITY COMPENSATION CONT’D
In the case of high RFB1 used, the frequency
compensation
needs
to
be
adjusted
correspondingly. As show in Figure 7, adding a
capacitor in paralleled with RFB1 or increasing the
compensation capacitance at COMP pin helps the
system stability.
Figure 6:
Cable Compensation at Various Resistor
Divider Values
Figure 7:
Frequency Compensation for High RFB1
PC Board Layout Guidance
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1) Arrange the power components to reduce the
AC loop size consisting of CIN, IN pin, SW pin
and the schottky diode.
2) Place input decoupling ceramic capacitor CIN as
close to IN pin as possible. CIN is connected
power GND with vias or short and wide path.
3) Return FB, COMP and ISET to signal GND pin,
and connect the signal GND to power GND at a
single point for best noise immunity. Connect
exposed pad to power ground copper area with
copper and vias.
4) Use copper plane for power GND for best heat
dissipation and noise immunity.
5) Place feedback resistor close to FB pin.
6) Use short trace connecting HSB-CHSB-SW loop
Figure 8 shows an example of PCB layout.
Figure 9 gives one typical car charger application
schematic and associated BOM list.
Figure 8: PCB Layout
400
300
250
200
150
100
50
0
350
450
Output Current (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.4
2.1
RFB
1
= 3
00
k
RFB
1
= 2
40k
RFB1
= 150
k
RFB1
= 20
0k
RFB1 = 100k
RFB1 = 51k
Delta Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com