Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533B Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4533B
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533B Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4533B Datasheet HTML 8Page - Active-Semi, Inc ACT4533B Datasheet HTML 9Page - Active-Semi, Inc ACT4533B Datasheet HTML 10Page - Active-Semi, Inc ACT4533B Datasheet HTML 11Page - Active-Semi, Inc ACT4533B Datasheet HTML 12Page - Active-Semi, Inc ACT4533B Datasheet HTML 13Page - Active-Semi, Inc ACT4533B Datasheet HTML 14Page - Active-Semi, Inc ACT4533B Datasheet HTML 15Page - Active-Semi, Inc ACT4533B Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ACT4533A/B
Rev 0, 14-Aug-13
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Figure 10:
Typical Application Circuit for 5V/2.4A Car Charger with OVP and Short Circuit Protection
Table 3:
BOM List for 5V/2.4A Car Charger
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4533BYH, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Electrolytic, 47µF/50V, 6.3х7mm
Murata, TDK
1
3
C2
Capacitor, Ceramic, 10µF/50V, 1206, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 2.2nF/6.3V, 0603, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 22nF/50V, 1206, SMD
Murata, TDK
1
6
C5
Capacitor, Ceramic, 1nF/10V, 0603, SMD
Murata, TDK
1
7
C6
Capacitor, Ceramic, 10µF/10V, 0603, SMD
Murata, TDK
1
8
C7
Capacitor, Electrolytic, 220uF/10V, 6.3х7mm
Murata, TDK
1
10
L1
Inductor, 40µH, 5A, 20%, SMD
Tyco Electronics
1
11
D1
Diode, Schottky, 40V/5A, SK54BL
Diodes
1
12
R1
Chip Resistor, 7.87kΩ, 0603, 1%
Murata, TDK
1
13
R2
Chip Resistor, 51kΩ, 0603, 1%
Murata, TDK
1
14
R3
Chip Resistor, 15kΩ, 0603, 5%
Murata, TDK
1
15
R4
Chip Resistor, 9.76kΩ, 0603, 1%
Murata, TDK
1
16
R5
Chip Resistor, 150kΩ, 0603, 1%
Murata, TDK
1
17
R6
Chip Resistor, 68kΩ, 0603, 1%
Murata, TDK
1
9
C8
Capacitor, Electrolytic, 2.2uF/50V, 6.3х7mm
Murata, TDK
1
18
R7
Chip Resistor, 47kΩ, 0603, 5%
Murata, TDK
1
19
R8
Chip Resistor, 2.2kΩ, 0603, 5%
Murata, TDK
1
20
R9
Chip Resistor, 820Ω, 0603, 5%
Murata, TDK
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com