Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533B Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT4533B
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533B Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT4533B Datasheet HTML 10Page - Active-Semi, Inc ACT4533B Datasheet HTML 11Page - Active-Semi, Inc ACT4533B Datasheet HTML 12Page - Active-Semi, Inc ACT4533B Datasheet HTML 13Page - Active-Semi, Inc ACT4533B Datasheet HTML 14Page - Active-Semi, Inc ACT4533B Datasheet HTML 15Page - Active-Semi, Inc ACT4533B Datasheet HTML 16Page - Active-Semi, Inc ACT4533B Datasheet HTML 17Page - Active-Semi, Inc ACT4533B Datasheet HTML 18Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ACT4533A/B
Rev 0, 14-Aug-13
Innovative Power
TM
- 14 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
Start up into CC mode
SW vs. Output Voltage Ripples
Start up into CC mode
VOUT = 5V
RLORD = 1.5Ω
IISET = 2.65A
VIN = 12V
CH1: VOUT, 2V/div
CH2: IOUT, 1A/div
TIME: 400µs/div
CH1: VOUT, 2V/div
CH2: IOUT, 1A/div
TIME: 400µs/div
VIN = 12V
VOUT = 5V
IOUT = 2.4A
CH1
CH2
CH1: VOUT Ripple, 20mV/div
CH2: SW, 10V/div
TIME: 4µs/div
VOUT = 5V
RLORD = 1.5Ω
IISET = 2.65A
VIN = 24V
CH1
CH2
CH1
CH2
Standby Current vs. Input Voltage
(FB=1V)
1160
1120
1080
1040
1000
960
Input Voltage (V)
8
12
16
20
24
28
32
40
36
Reverse Leakage Current (VIN Floating)
160
120
80
40
0
VOUT (V)
0
1
2
3
4
5
(Schematic as show in Figure 9, Ta = 25°C, unless otherwise specified)
Feedback Voltage vs. Input Voltage
0.818
0.815
0.812
0.809
0.806
0.803
0.800
Input Voltage (V)
8
12
16
20
24
28
32
36
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com