Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533B Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4533B
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533B Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4533B Datasheet HTML 1Page - Active-Semi, Inc ACT4533B Datasheet HTML 2Page - Active-Semi, Inc ACT4533B Datasheet HTML 3Page - Active-Semi, Inc ACT4533B Datasheet HTML 4Page - Active-Semi, Inc ACT4533B Datasheet HTML 5Page - Active-Semi, Inc ACT4533B Datasheet HTML 6Page - Active-Semi, Inc ACT4533B Datasheet HTML 7Page - Active-Semi, Inc ACT4533B Datasheet HTML 8Page - Active-Semi, Inc ACT4533B Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ACT4533A/B
Rev 0, 14-Aug-13
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
10
38
V
Input Voltage Surge
40
V
VIN UVLO Turn-On Voltage
Input Voltage Rising
9.0
9.4
9.7
V
VIN UVLO Hysteresis
Input Voltage Falling
1.1
V
Standby Supply Current
VFB = 1V
0.9
1.4
mA
Feedback Voltage
792
808
824
mV
Internal Soft-Start Time
400
µs
Error Amplifier Transconductance
VFB = VCOMP = 0.808V,
∆ICOMP = ± 10µA
650
µA/V
Error Amplifier DC Gain
4000
V/V
Switching Frequency
VFB = 0.808V
125
kHz
Foldback Switching Frequency
VFB = 0V
18
kHz
Maximum Duty Cycle
86
%
Minimum On-Time
290
ns
COMP to Current Limit Transconductance
VCOMP = 1.2V
5.1
A/V
Secondary Cycle-by-Cycle Current Limit
Duty = 0.5
6.8
A
Slope Compensation
Duty = DMAX
3.2
A
ISET Voltage
1.0
V
ISET to IOUT DC Room Temp Current Gain
IOUT / ISET, RISET = 7.87kΩ
20000
A/A
CC Controller DC Accuracy
RISET = 7.87kΩ, VOUT = 4.0V
2650
mA
OVP Pin Voltage (ACT4533A)
OVP Pin Voltage Rising
0.8
V
OVP Pin Voltage (ACT4533A)
OVP Pin Voltage Falling
0.57
V
OVP Pin Voltage (ACT4533B)
OVP Pin Voltage Rising
2.26
V
OVP Pin Voltage (ACT4533B)
OVP Pin Voltage Falling
1.76
V
EN Pin Voltage (ACT4533B)
EN Pin Voltage Rising
0.65
V
EN Pin Voltage (ACT4533B)
EN Pin Voltage Falling
0.59
V
High-Side Switch ON-Resistance
85
mΩ
Thermal Shutdown Temperature
Temperature Rising
155
°C
Thermal Shutdown Temperature Hysteresis Temperature Falling
25
°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com