Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT125S14 Datasheet (PDF) - Diodes Incorporated

74AHCT125S14 Datasheet PDF - Diodes Incorporated
Part # 74AHCT125S14
Download  74AHCT125S14 Download
File Size   310.22 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 3-STATE BUFFERS OE LOW

74AHCT125S14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT125S14 Datasheet PDF - Diodes Incorporated

Part # 74AHCT125S14
Download  74AHCT125S14 Click to download

File Size   310.22 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 3-STATE BUFFERS OE LOW

74AHCT125S14 Datasheet (HTML) - Diodes Incorporated


74AHCT125S14 Product details

Description
The 74AHCT125 provides provides four independent buffer gates with 3-state outputs. Each buffer has a separate enable pin that if driven with a high logic level places the corresponding output in the high impedance state. The device is designed for operation with a power supply range of 4.5V to 5.5V.

Features
• Wide Supply Voltage Range from 4.5V to 5.5V
• Inputs Are TTL Voltage Level Compatible
• Outputs Sink or Source 8mA at VCC = 4.5V
• CMOS Low Power Consumption
• Schmitt Trigger Action at All Inputs
• ESD Protection Exceeds JESD 22
   ▪ 200-V Machine Model (A115-A)
   ▪ 2000-V Human Body Model (A114-A)
   ▪ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Purpose Logic
• Wide array of products such as:
   ▪ PCs, Networking, Notebooks, Netbooks
   ▪ Computer Peripherals, Hard Drives, CD/DVD ROM
   ▪ TV, DVD, DVR, Set Top Box




Similar Part No. - 74AHCT125S14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT125 PHILIPS-74AHCT125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
74AHCT125 NXP-74AHCT125 Datasheet
93Kb / 15P
Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
logo
Nexperia B.V. All right...
74AHCT125 NEXPERIA-74AHCT125 Datasheet
250Kb / 15P
Quad buffer/line driver; 3-state
Rev. 5 - 12 June 2020
74AHCT125-Q100 NEXPERIA-74AHCT125-Q100 Datasheet
822Kb / 17P
Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHCT125BQ NXP-74AHCT125BQ Datasheet
93Kb / 15P
Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
More results


Similar Description - 74AHCT125S14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
QUADRUPLE 3-STATE BUFFERS
Rev 3
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
QUADRUPLE 3-STATE BUFFERS
Rev 3
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 3
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 3
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 2
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 3
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com