Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A71T Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

A71T Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # A71T
Download  A71T Download
File Size   152.25 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Rectifiers

A71T Datasheet (PDF)

Go To PDF Page Download Datasheet
A71T Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # A71T
Download  A71T Click to download

File Size   152.25 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Rectifiers

A71T Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


A71T Product details

High Current Rectifier

VRRM = 50-1400V, IF(AV) = 100 A ,VF = 1.2V




Similar Part No. - A71T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
M/A-COM Technology Solu...
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
A71 MA-COM-A71 Datasheet
628Kb / 3P
Cascadable Amplifier
logo
DFI Inc
A71-103004-000G DFI-A71-103004-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-103005-000G DFI-A71-103005-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
More results


Similar Description - A71T

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
Silicon Rectifiers
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
Silicon Rectifiers
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
SILICON RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com