Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40178 Datasheet (PDF) - fujitsu semiconductor

MB40178 Datasheet PDF - fujitsu semiconductor
Part # MB40178
Download  MB40178 Download
File Size   687.67 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Single Chip 8-Bit A/D and 9-Bit D/A Converter

MB40178 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40178 Datasheet PDF - fujitsu semiconductor

Part # MB40178
Download  MB40178 Click to download

File Size   687.67 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Single Chip 8-Bit A/D and 9-Bit D/A Converter

MB40178 Datasheet (HTML) - fujitsu semiconductor


MB40178 Product details

■ DESCRIPTION
The Fujitsu MB40168 and MB40178 are high speed, low power single chip A/D and D/A converters designed for video processing applications. The A/D converter has a resolution of 8 bits while the D/A converter has 9-bit resolution. They are fabricated in Fujitsu’s advanced bipolar technology, and housed in a 48-pin plastic shrink DIP or 44-pin plastic QFP package.

■ FEATURES
• Resolution A/D: 8 bits
                    D/A: 9 bits
• Conversion Rate A/D: Max. 20 MSPS
                              D/A: Max. 40 MSPS
• Linearity Error A/D: Max. + 0.3%
                          D/A: Max. + 0.2%
• On-chip reference voltage generator (resistor divided method) and clamp circuit
• Analog Input Voltage 3 to 5 V without clamp circuit
                                     0 to 3 V in 1.95 VP-P clamp circuit
• Analog Output Voltage 3 to 5 V
• Digital Input/Output Interface TTL Levels
• Power Supply Voltage + 5.0 V single power supply
• Power Dissipation Typ. 350 mW
• Package Options 48-pin Plastic Shrink DIP/
                               44-pin Plastic QFP Package




Similar Part No. - MB40178

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40176 FUJITSU-MB40176 Datasheet
697Kb / 20P
AD/DA CONVERTER
More results


Similar Description - MB40178

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8591 PHILIPS-PCF8591 Datasheet
221Kb / 28P
8-bit A/D and D/A converter
1998 Jul 02
logo
Sony Corporation
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
10/9/8-BIT 160MSPS D/A CONVERTER
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
8-Bit A/D Converter
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
NXP Semiconductors
PCF8591P PHILIPS-PCF8591P Datasheet
139Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
8-bit A/D Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
8-bit A/D and D/A converter
Rev. 02-27 January 2010
PCF8591 PHILIPS-PCF8591_03 Datasheet
157Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com