Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40178 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40178
Description  Single Chip 8-Bit A/D and 9-Bit D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40178 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40178 Datasheet HTML 4Page - fujitsu semiconductor MB40178 Datasheet HTML 5Page - fujitsu semiconductor MB40178 Datasheet HTML 6Page - fujitsu semiconductor MB40178 Datasheet HTML 7Page - fujitsu semiconductor MB40178 Datasheet HTML 8Page - fujitsu semiconductor MB40178 Datasheet HTML 9Page - fujitsu semiconductor MB40178 Datasheet HTML 10Page - fujitsu semiconductor MB40178 Datasheet HTML 11Page - fujitsu semiconductor MB40178 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
MB40168/MB40178
s ELECTRICAL CHARACTERISTICS
1. DC Characteristics
• Analog Block
(VCCA = VCCD = 4.75 V to 5.25 V, Ta = –20 oC to +70 oC)
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
ADC resolution
—
—
—
8
—
bits
DAC resolution
—
—
—
9
—
bits
ADC linearity error
LEAD
DC accuracy
VCCA = VCCD =
5.0 V
—
± 0.15
± 0.3
%
DAC linearity error
LEDA
—
± 0.1
± 0.2
%
Analog input equivalent
impedance
RINA
RINA =
0.3
1.3
—
M
Ω
Analog input capacitance
CINA
fINA = 1 MHz
—
40
—
pF
Analog input high current
IIHA
VINA = VRT
——
45
µA
Analog input low current
IILA
VINA = VRB
——
40
µA
Reference output voltage
VREF
VREF, VRB, VRIN
shorted
together
0.6VCCA –
0.1
0.6VCCA
0.6VCCA+
0.1
V
Clamp voltage
VCLMP
——
VREF + 50
mV
—V
ADC reference current
IRB
—
–8.5
–5.5
–3.0
mA
DAC reference current
IRIN
VRIN = 3.000 V
—
—
10
µA
Clamp circuit input
current
IINC
VINC = 0 V
–600
–200
—
µA
Full scale output voltage
VOFS
—VCCA–20mV
VCCA
—V
Zero scale output voltage
VOZS
VCCA = 5.00 V
VCCD = 5.00 V
VRIN = 3.000 V
2.934
3.004
3.072
V
Output impedance
RO
Ta = +25 oC
192
240
288
Ω
Supply current
ICC
—
—
70
125
mA
VRT –VRB
IIHA – IILA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com