Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40178 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB40178
Description  Single Chip 8-Bit A/D and 9-Bit D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40178 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB40178 Datasheet HTML 13Page - fujitsu semiconductor MB40178 Datasheet HTML 14Page - fujitsu semiconductor MB40178 Datasheet HTML 15Page - fujitsu semiconductor MB40178 Datasheet HTML 16Page - fujitsu semiconductor MB40178 Datasheet HTML 17Page - fujitsu semiconductor MB40178 Datasheet HTML 18Page - fujitsu semiconductor MB40178 Datasheet HTML 19Page - fujitsu semiconductor MB40178 Datasheet HTML 20Page - fujitsu semiconductor MB40178 Datasheet HTML 21Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
MB40168/MB40178
s NOTES ON PCB LAYOUT
Power Supply Lines
The device’s power supply lines (VCCA, VCCD, AGND and DGND) should be laid out as analog lines and should
be separated in so far as possible from other digital lines in order to reduce noise. Also the track widths of these
lines should be as wide as possible to reduce parasitic impedance.
Coupling Capacitors
The device’s power supply lines VCCA and VCCD and the reference voltage pins VRIN, VREF, VRB, and VRT should
be decoupled to analog ground by means of approx. 1
µF capacitors which should be placed as close as possible
to these pins.
Digital Output Load
The load at the digital outputs should be kept as low as possible to prevent noise in the power supply lines
caused by digital output switching. If, due to long wiring, the load becomes large then a buffer with small input
capacitance should be inserted to reduce load capacitance.
s OTHER NOTES ON OPERATION
When using the D/A converter with its VRIN pin connected to the VREF pin, the A/D converter’s VRB pin must also
be connected to the VREF because otherwise the internal reference voltage generation circuitry cannot output 3 V.
When using the D/A converter with 8 bit resolution the DD9 (LSB) pin should be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com