Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5443 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5443 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5443
Download  2N5443 Download
File Size   99.81 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 40-A Silicon Triacs

2N5443 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5443 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5443
Download  2N5443 Click to download

File Size   99.81 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 40-A Silicon Triacs

2N5443 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5443 Product details

Features:
■ di/dt capability = 100 A/μs
■ Low switching losses
■ Low on-state voltage at high current levels
■ Low thermal resistance




Similar Part No. - 2N5443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5443 ETC1-2N5443 Datasheet
248Kb / 5P
40-A Silicon Triacs
logo
New Jersey Semi-Conduct...
2N5443 NJSEMI-2N5443 Datasheet
115Kb / 1P
TRIAC, V(DRM) = 600V TO 699.9V
logo
Digitron Semiconductors
2N5443 DIGITRON-2N5443 Datasheet
1Mb / 7P
40 AMP SILICON TRIACS
logo
New Jersey Semi-Conduct...
2N5443 NJSEMI-2N5443 Datasheet
99Kb / 2P
40-A Silicon Triacs
More results


Similar Description - 2N5443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
40-A Silicon Triacs
logo
Littelfuse
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
70Kb / 7P
40 A high voltage Triacs
30-Mar-2011
logo
Digitron Semiconductors
2N5441 DIGITRON-2N5441 Datasheet
1Mb / 7P
40 AMP SILICON TRIACS
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
40-A Silicon Triacs
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com