Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR35AP Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BFR35AP Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BFR35AP
Download  BFR35AP Download
File Size   73.29 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN RF Transistor

BFR35AP Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR35AP Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BFR35AP
Download  BFR35AP Click to download

File Size   73.29 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN RF Transistor

BFR35AP Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BFR35AP Product details

DESCRIPTION
• Low Noise Figure
   NF = 1.8 dB TYP. @VCE = 6 V, lc = 2 mA, f = 900MHz
• High Gain
   |S21e|²= 12.5 dB TYP. @VCE= 8 V,lc = 15 mA,f = 900 MHz

APPLICATIONS
• Designed for low distortion broadband amplifiers and oscillators.




Similar Part No. - BFR35AP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
logo
Infineon Technologies A...
BFR35AP INFINEON-BFR35AP Datasheet
25Kb / 3P
NPN Silicon RF Transistor
Aug-01-2001
BFR35AP INFINEON-BFR35AP Datasheet
65Kb / 5P
NPN Silicon RF Transistor
2007-03-30
logo
Inchange Semiconductor ...
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
Low Noise Figure
logo
Infineon Technologies A...
BFR35AP INFINEON-BFR35AP Datasheet
602Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-21
More results


Similar Description - BFR35AP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com